Electronic Components Datasheet Search
  English  ▼

X  

FP175F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FP175F
Description  12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FP175F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP175F Datasheet HTML 1Page - List of Unclassifed Manufacturers FP175F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
193
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
8
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
FP125F FP150F
FP175F FP200F
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +150°C
12,500 V - 20,000 V Rectifier Stacks
2.2 A Forward Current
150 ns Recovery Time
2.00(50.80)
MIN.
L ±.020
.690 ±.020
(17.53 ±.50)
.380 ±.020
(9.65 ±.50)
.051 ±.003
(1.30 ±.08)
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
li
o
n
i
(
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
e
g
a
t
l
o
V
d
r
a
w
r
o
F
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
h
t
g
n
e
L
e
s
a
C
)
L
(
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
n.
n
i
F
5
2
1
P
F
F
0
5
1
P
F
F
5
7
1
P
F
F
0
0
2
P
F
0
0
5
2
1
0
0
0
5
1
0
0
5
7
1
0
0
0
0
2
2
.
2
2
.
2
2
.
2
2
.
2
3
.
1
3
.
1
3
.
1
3
.
1
0
.
2
0
.
2
0
.
2
0
.
2
0
5
0
5
0
5
0
5
0
.
0
3
0
.
6
3
0
.
2
4
0
.
8
4
0
.
3
0
.
3
0
.
3
0
.
3
0
2
1
0
2
1
0
2
1
0
2
1
0
2
0
2
0
2
0
2
0
5
1
0
5
1
0
5
1
0
5
1
0
0
5
.
5
0
0
5
.
6
0
0
5
.
6
0
0
5
.
6


Similar Part No. - FP175F

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
FP175F VMI-FP175F Datasheet
71Kb / 1P
High Voltage Rectifier Stacks
logo
New Jersey Semi-Conduct...
FP175F NJSEMI-FP175F Datasheet
100Kb / 1P
High Voltage Rectifier Stacks
More results

Similar Description - FP175F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP100S ETC-SP100S Datasheet
71Kb / 2P
5,000 V - 12,500 V Rectifier Stacks
SP25F ETC1-SP25F Datasheet
75Kb / 2P
2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
logo
Voltage Multipliers Inc...
FP25S VMI-FP25S Datasheet
82Kb / 2P
2,500 V - 10,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
SP125F VMI-SP125F Datasheet
74Kb / 2P
12,500 V - 25,000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time
SP150S VMI-SP150S Datasheet
75Kb / 2P
15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time
SPB50UFA VMI-SPB50UFA Datasheet
39Kb / 2P
5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
SPB50UFB VMI-SPB50UFB Datasheet
51Kb / 2P
5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
SPJ100F VMI-SPJ100F Datasheet
35Kb / 2P
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
FP125S VMI-FP125S Datasheet
74Kb / 2P
12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
SPJ100S VMI-SPJ100S Datasheet
35Kb / 2P
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com