Electronic Components Datasheet Search
  English  ▼

X  

BCK Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # BCK
Description  ROTARY SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

BCK Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  BCK Datasheet HTML 1Page - Lorlin Electronics Ltd. BCK Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCK ROTARY SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
FEATURES
ROTARY SWITCH
BCK
PCB Terminals
+ extra stabilising terminals
Spindles with special flats, slots or knurls
Binary coded Hexadecimal and complimentary versions
Adjustable stops to restrict number of positions
Switch Rating:
150mA @ 24V ac/dc
Proof Voltage:
250V ac (Initial)
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Contact Resistance
<50 mΩ (Initial)
Life:
>10,000 Cycles
Operating Temperature:
-30°C to +85°C
Operating Torque (nominal):
Standard 4.7 ± 0.5 cNm
End Stop Torque (nominal):
0.8 Nm
Standard silver contacts, gold flashed
or gold plated also available
Standard 22.5° indexing
Moulded 27.5mm diameter
Terminal Material:
Brass, CZ108 Sn Plated
Housing/Bush Material
Polyamide 6.6 G.F
Made in the UK
UL-V0 rated material option
STANDARD PART NUMBERS


Similar Part No. - BCK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BCK-1605-EE1616 MICROCHIP-BCK-1605-EE1616 Datasheet
4Mb / 598P
tinyAVR® 1-series
BCK-1605EE1616 MICROCHIP-BCK-1605EE1616 Datasheet
4Mb / 598P
tinyAVR® 1-series
logo
Systemsensor advanced i...
BCK-200B SYSTEMSENSOR-BCK-200B Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
logo
Goodwork Semiconductor ...
BCK3401A GWSEMI-BCK3401A Datasheet
414Kb / 4P
Plastic-Encapsulate MOSFETS
BCK3401AH GWSEMI-BCK3401AH Datasheet
237Kb / 4P
Plastic-Encapsulate MOSFETS
More results

Similar Description - BCK

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-7229-JSMT CUI-RDS-7229-JSMT Datasheet
777Kb / 8P
ROTARY DIP SWITCH
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74365 CUI-RDS-74365 Datasheet
364Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1045 CUI-RDS-1045 Datasheet
337Kb / 4P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
dip rotary switch
logo
Lorlin Electronics Ltd.
RAAAAAAAAAAAAA LORLIN-RAAAAAAAAAAAAA Datasheet
900Kb / 3P
RA ROTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com