Electronic Components Datasheet Search
  English  ▼

X  

PTAAAAAAAAAAA Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # PTAAAAAAAAAAA
Description  PT ROTARY SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

PTAAAAAAAAAAA Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  PTAAAAAAAAAAA Datasheet HTML 1Page - Lorlin Electronics Ltd. PTAAAAAAAAAAA Datasheet HTML 2Page - Lorlin Electronics Ltd. PTAAAAAAAAAAA Datasheet HTML 3Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PT ROTARY SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
FEATURES
ROTARY SWITCH
PT
Made in UK
Adjustable stops to restrict number
of positions
Spindles with special sizes and flats
Multi wafer PCB switch
Standard insulated
spacers (6.35mm,
7.63mm, 10.16mm)
Switch Rating:
150mA @ 24V ac/dc
Proof Voltage:
1,000Vac (Initial)
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Contact Resistance
<20 mΩ (Initial)
Life:
>10,000 Cycles
Operating Temperature:
-30°C to +85°C
Operating Torque (nominal):
Standard 5.6 cNm
End Stop Torque (nominal):
0.8 Nm
Shorting (MBB make before break) or non-shorting (BBM
break before make) contacts
Standard silver contacts, gold flashed
or gold plated also available
Standard 30° indexing, 36°,60° and 90° also available
Moving Contact Material:
Phosphor Bronze Ag Plated
Contact Carrier Material:
Polycarbonate
Printed Circuit Track Material
Copper Ag Plated
Wafer Circuit Board Material
Epoxy Glass Fibre
Spindle Material
Frianyl A63 V0GV25
Terminal Material:
Brass, CZ108 Sn Plated
Housing/Bush Material
Polyamide 6.6 G.F V0 Rated
Shorting (MBB) make before break or Non-Shorting
(BBM) break before make


Similar Part No. - PTAAAAAAAAAAA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PTA BOURNS-PTA Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
2011/65/EU June 8, 2011.
logo
Pepperl+Fuchs Inc.
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
PTA-12-50 PF-PTA-12-50 Datasheet
90Kb / 1P
Accessories
logo
Comus International
PTA-230 COMUS-PTA-230 Datasheet
387Kb / 1P
Proximity Switch - Reed Switch based
More results

Similar Description - PTAAAAAAAAAAA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-7229-JSMT CUI-RDS-7229-JSMT Datasheet
777Kb / 8P
ROTARY DIP SWITCH
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1045 CUI-RDS-1045 Datasheet
337Kb / 4P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
dip rotary switch
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
RAAAAAAAAAAAAA LORLIN-RAAAAAAAAAAAAA Datasheet
900Kb / 3P
RA ROTARY SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com