Electronic Components Datasheet Search
  English  ▼

X  

RAL Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # RAL
Description  RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

RAL Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  RAL Datasheet HTML 1Page - Lorlin Electronics Ltd. RAL Datasheet HTML 2Page - Lorlin Electronics Ltd. RAL Datasheet HTML 3Page - Lorlin Electronics Ltd. RAL Datasheet HTML 4Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
ELECTRICAL & MECHANICAL SPECIFICATION
FEATURES
LOCK SWITCH
RAL
Non-shorting BBM (break
before make) or Shorting MBB
(make before break)
60° or 90° switch indexing
5-disc lock
Single or Multi wafer
Up to 5 poles per switch
Solder or PCB terminals
Silver contacts
Gold flashed or gold
plated also available
2 keys per switch as standard
Key inserted/removeable 60° or
90°
Common or differ keys
200 combinations
Master key system available
Two stage assembly: lock
inserted from the inside and
the lock bezel screws on from
the front to secure the
assembly
Max panel thickness 8.5mm
SINGLE WAFER RAL LOCKSWITCH
Switch Rating:
500mA @ 24V ac/dc
(Resistive load only)
Proof Voltage:
1,000V ac (Initial)
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Contact Resistance
<20 mΩ (Initial)
Contact/Terminal Material:
Brass CZ108 Ag Plated
Life:
>10,000 Cycles
Operating Temperature:
-30°C to +85°C
Operating Torque (nominal):
7.2Nm
End Stop Torque (nominal):
1.2Nm
Lock Housing Material:
Zinc Alloy Bright Cr Plated
Keys Material:
Mild Steel Ni Plated
Wafer Material:
Polyphenylene Sulphide (PPS)
PANEL PIERCING
LOCK MOVEMENT DESC.


Similar Part No. - RAL

ManufacturerPart #DatasheetDescription
logo
Lapp.
RAL 7001 LAPP-RAL 7001 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
RAL 7035 LAPP-RAL 7035 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
RAL 9005 LAPP-RAL 9005 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
logo
Sensata Technologies, I...
RAL-005-002 SENSATA-RAL-005-002 Datasheet
104Kb / 1P
MATING CABLE CONNECTOR
Rev:05/31/18
RAL-010-012 SENSATA-RAL-010-012 Datasheet
104Kb / 1P
MATING CABLE CONNECTOR
Rev:05/31/18
More results

Similar Description - RAL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
RALM LORLIN-RALM Datasheet
825Kb / 3P
RAL LOCK SWITCH WITH A MAINSWITCH MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com