Electronic Components Datasheet Search
  English  ▼

X  

SRL Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # SRL
Description  SRL LOCK SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

SRL Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  SRL Datasheet HTML 1Page - Lorlin Electronics Ltd. SRL Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRL LOCK SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
1A @24V ac/dc
Life:
>10,000 Cycles
Proof Voltage:
750 Vac (Initial)
Lock Type:
5 Disc
Insulation Resistance:
>999MΩ @ 500Vdc (Initial)
Operating Temperature:
-20°C to +65°C
Contact Resistance:
<20mΩ (Initial)
Lock Housing:
Zinc Alloy Bright Cr Plated
Contact Material:
Brass CZ108, Ag Plated
Moulding Material: Polyamide 6.6 G.F. V0 Rated
Moulding Colour:
Single pole – Natural, Double pole - Black
FEATURES
Front assembly
Single or Double pole
Rear panel depth <30mm
Max panel thickness 4.5mm
LOCK SWITCH
SRL
Moulded bezel
available for parallel
lock headed version
(SRL02101 see below)
Made In UK
2 keys per switch
Up to 200 differ key combinations
available
Keys are double entry (can be
inserted into lock either way up)
PARALLEL LOCK HEAD 90° INDEXING
SINGLE POLE LOCK SWITCH
SINGLE POLE LOCK SWITCH
TAPERED LOCK HEAD 90° INDEXING


Similar Part No. - SRL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SRL SCHURTER-SRL Datasheet
309Kb / 3P
LED Holder straight or angled with 3 mm and 5 mm LED
logo
IET Labs Inc.
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
SRL-05A-XX SERIES
logo
List of Unclassifed Man...
SRL-5-A ETC2-SRL-5-A Datasheet
362Kb / 2P
SRL LOCK SWITCHES
SRL-5-A ETC2-SRL-5-A Datasheet
173Kb / 2P
MECHANICAL SPECIFICATION
More results

Similar Description - SRL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.1261 SCHURTER-0035.1261 Datasheet
131Kb / 2P
LED-Holder SRL (for T1 LED)
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
SRL-05A-XX SERIES
logo
List of Unclassifed Man...
SRL-5-D-D-2 ETC2-SRL-5-D-D-2 Datasheet
362Kb / 2P
SRL LOCK SWITCHES
SRL3303-12 ETC-SRL3303-12 Datasheet
75Kb / 4P
DC/DC Switch Mode Regulator SRL 3,3...15 Watt DIL-24
Rev. F / 08.2002
logo
Lorlin Electronics Ltd.
HRL LORLIN-HRL Datasheet
761Kb / 2P
HRL LOCK SWITCH
LS120 LORLIN-LS120 Datasheet
246Kb / 1P
LS120 LS121 LOCK SWITCH
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
SKL LORLIN-SKL Datasheet
253Kb / 1P
SKL LOCK SWITCH
SRL60 LORLIN-SRL60 Datasheet
751Kb / 2P
SRL60 LOCK SWITCH
SRL90 LORLIN-SRL90 Datasheet
697Kb / 2P
SRL90 LOCK SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com