Electronic Components Datasheet Search
  English  ▼

X  

WIRL Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # WIRL
Description  WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

WIRL Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  WIRL Datasheet HTML 1Page - Lorlin Electronics Ltd. WIRL Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DOUBLE POLE LOCK SWITCH
Tapered lock head 60° indexing Spring Return 2 Pole 2 Position
WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
1A @24V ac/dv
Life:
>10,000 Cycles
Proof Voltage:
750 Vac (Initial)
Lock Type:
5 Disc
Insulation Resistance:
>999MΩ @ 500Vdc (Initial)
Operating Temperature:
-20°C to +65°C
Contact Resistance:
<20mΩ (Initial)
Lock Housing:
Zinc Alloy Bright Cr Plated
Contact Material:
Brass CZ108, Ag Plated
Moulding Material: Polyamide 6.6 G.F. V0 Rated
Moulding Colour:
Green
FEATURES
LOCK SWITCH
WIRL
2 keys per switch, up to 200 differ key
combinations available
Keys can be inserted either way up
Master key versions to order
TAPERED LOCK HEAD 60° INDEXING
Double Pole DPST
Rear panel depth - <30mm
Single Pole SPDT
Rear panel depth - <35mm
Vandal Resistant versions available
Front assembly
Made in UK
Oil regularly if used outside
Spring return
Suitable for Marine Environment Exposure to Severity One (EN60068-2-52) salt mist tested


Similar Part No. - WIRL

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
WIRE-GRID-POLARIZER COHERENT-WIRE-GRID-POLARIZER Datasheet
311Kb / 1P
WIRE GRID POLARIZER
logo
PHOENIX CONTACT
WIREFOX-10 PHOENIX-WIREFOX-10 Datasheet
52Kb / 3P
Flexible, adjustable limit stop for the stripping length
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
WIREFOX-16 PHOENIX-WIREFOX-16 Datasheet
52Kb / 2P
Replacement blade for WIREFOX 16, for cables and conductors of 4 - 16 mm짼
More results

Similar Description - WIRL

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
IRL LORLIN-IRL Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRL90 LORLIN-WRL90 Datasheet
699Kb / 2P
WRL90 IP66/IP67 LOCK SWITCH
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
WRLMC LORLIN-WRLMC Datasheet
557Kb / 1P
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com