Electronic Components Datasheet Search
  English  ▼

X  

WRL90 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # WRL90
Description  WRL90 IP66/IP67 LOCK SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

WRL90 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  WRL90 Datasheet HTML 1Page - Lorlin Electronics Ltd. WRL90 Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WRL90 IP66/IP67 LOCK SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
1A @24V ac/dc.
Life:
>10,000 Cycles
Proof Voltage:
1500 Vac (Initial)
Lock Type:
5 Disc
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
Lock Housing:
Zinc Alloy Bright Cr Plated
Contact Resistance:
<20mΩ (Initial)
Wafer Material:
Polyamide 6.6 G>F. V0 Rated
Contact Material:
Brass CZ108, Ag Plated
Housing Material:
Polycarbonate
Operating Temperature:
-30°C to +85°C
FEATURES
LOCK SWITCH
WRL90
Contacts: Non shorting BBM
Gold flashed or gold plate contacts available
Solder or PCB terminals
2 keys per switch - Up to 200 differ
key combinations available
Keys are double entry (can be
inserted into lock either way up)
Key removable at 90° positions
Single wafer switch
One - three poles
Two stage assembly: Lock through front,
module snaps on from rear
Max panel thickness 3.5mm
Made In UK
Suitable for Severity One marine environment (EN60068-2-52). Salt mist tested.


Similar Part No. - WRL90

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
logo
SparkFun Electronics
WRL-11373 SPARKFUN-WRL-11373 Datasheet
105Kb / 1P
SparkFun XBee Explorer Regulated
4/16/2015
WRL-11697 SPARKFUN-WRL-11697 Datasheet
113Kb / 2P
SparkFun XBee Explorer Dongle
6/24/2015
WRL-11812 SPARKFUN-WRL-11812 Datasheet
114Kb / 1P
SparkFun XBee Explorer USB
11/17/2015
WRL-12576 SPARKFUN-WRL-12576 Datasheet
111Kb / 2P
SparkFun Bluetooth Mate Silver
11/17/2015
More results

Similar Description - WRL90

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
WIRL LORLIN-WIRL Datasheet
765Kb / 2P
WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
WRLMC LORLIN-WRLMC Datasheet
557Kb / 1P
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
logo
Inventronics Inc.
DS-EDC-100S105SV2 INVENTRONICS-DS-EDC-100S105SV2 Datasheet
458Kb / 8P
100W AOC IP66/IP67
Rev.B
DS-EDC-150S105SV2 INVENTRONICS-DS-EDC-150S105SV2 Datasheet
482Kb / 8P
150W AOC IP66/IP67
Rev.A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com