Electronic Components Datasheet Search
  English  ▼

X  

CKFAAABABAB Datasheet(PDF) 3 Page - Lorlin Electronics Ltd.

Part # CKFAAABABAB
Description  CKF IP65 ROTARY SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

CKFAAABABAB Datasheet(HTML) 3 Page - Lorlin Electronics Ltd.

  CKFAAABABAB Datasheet HTML 1Page - Lorlin Electronics Ltd. CKFAAABABAB Datasheet HTML 2Page - Lorlin Electronics Ltd. CKFAAABABAB Datasheet HTML 3Page - Lorlin Electronics Ltd. CKFAAABABAB Datasheet HTML 4Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Nb. There is also a specification drawing sheet at the end
STANDARD PART NUMBERS
BASIC TYPES
SPINDLE
DIAMETER
SPINDLE LENGTH
FROM
MOUNTING FACE
8mm LONG
BUSH
SPINDLE FLAT
LENGTH
ANGLE OF
SPINDLE FLAT
SPINDLE FLAT
THICKNESS
IMPERIAL
6.35mm
38mm
9.52 x 32 TPI
30mm
90⁰
5.5mm
METRIC
6.00mm
50mm
M10 x 0.75
No Flat
-
-
CIRCUITRY AT 30⁰ INDEXING
PLATING FINISH
STANDARD METRIC
STANDARD IMPERIAL
Shorting (MBB)
Non- Shorting
(BBM)
Shorting (MBB)
Non- Shorting
(BBM)
1 POLE 12 POSITION
STOP INCLUDED
Silver
CKF1039
CKF1029
CKF1034
CKF1024
Solder Tag
Gold Flash
CKF1508
CKF1503
CKF1516
CKF1520
Gold Plate
CKF2444
CKF1672
CKF2458
CKF2459
Silver
CKF1059
CKF1049
CKF1054
CKF1044
Printed Circuit
Gold Flash
CKF1512
CKF1506
CKF1524
CKF1528
Board
Gold Plate
CKF1475
CKF1312
CKF2460
CKF2461
1 POLE 12 POSITION
CONTINUOUS ROTATION
Silver
CKF1038
CKF1028
CKF1033
CKF1023
Solder Tag
Gold Flash
CKF1533
CKF1537
CKF1541
CKF1545
Gold Plate
CKF2445
CKF2446
CKF2462
CKF2463
Silver
CKF1058
CKF1048
CKF1053
CKF1043
Printed Circuit
Gold Flash
CKF1534
CKF1538
CKF1542
CKF1546
Board
Gold Plate
CKF2447
CKF2448
CKF2464
CKF2465
2 POLE 6 POSITION
STOP INCLUDED
Silver
CKF1040
CKF1030
CKF1035
CKF1025
Solder Tag
Gold Flash
CKF1509
CKF1496
CKF1517
CKF1521
Gold Plate
CKF2449
CKF1726
CKF2466
CKF2467
Silver
CKF1060
CKF1050
CKF1055
CKF1045
Printed Circuit
Gold Flash
CKF1513
CKF1473
CKF1525
CKF1529
Board
Gold Plate
CKF2450
CKF1850
CKF2468
CKF2469
2 POLE 6 POSITION
CONTINUOUS ROTATION
Silver
CKF1114
CKF1118
CKF1120
CKF1121
Solder Tag
Gold Flash
CKF1535
CKF1539
CKF1543
CKF1547
Gold Plate
CKF2451
CKF2452
CKF2470
CKF2471
Silver
CKF1119
CKF1113
CKF1122
CKF1089
Printed Circuit
Gold Flash
CKF1536
CKF1540
CKF1544
CKF1548
Board
Gold Plate
CKF2453
CKF2454
CKF2472
CKF2473
3 POLE 4 POSITION
STOP INCLUDED
Silver
CKF1041
CKF1031
CKF1036
CKF1026
Solder Tag
Gold Flash
CKF1510
CKF1504
CKF1518
CKF1522
Gold Plate
CKF2455
CKF1577
CKF2474
CKF2475
Silver
CKF1061
CKF1051
CKF1056
CKF1046
Printed Circuit
Gold Flash
CKF1514
CKF1500
CKF1526
CKF1530
Board
Gold Plate
CKF2456
CKF1952
CKF2476
CKF2477
4 POLE 3 POSITION
STOP INCLUDED
Silver
CKF1042
CKF1032
CKF1037
CKF1027
Solder Tag
Gold Flash
CKF1511
CKF1505
CKF1519
CKF1523
Gold Plate
CKF1673
CKF1822
CKF2478
CKF2479
Silver
CKF1062
CKF1052
CKF1057
CKF1047
Printed Circuit
Gold Flash
CKF1515
CKF1507
CKF1527
CKF1531
Board
Gold Plate
CKF2457
CKF1953
CKF2480
CKF2481



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com