Electronic Components Datasheet Search
  English  ▼

X  

FKBA3054 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA3054
Description  N-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA3054 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA3054 Datasheet HTML 1Page - FETek Technology Corp. FKBA3054 Datasheet HTML 2Page - FETek Technology Corp. FKBA3054 Datasheet HTML 3Page - FETek Technology Corp. FKBA3054 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA3054
N-Ch 30V Fast Switching MOSFETs
1
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
50
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
31
A
IDM
Pulsed Drain Current2
100
A
EAS
Single Pulse Avalanche Energy3
61.3
mJ
IAS
Avalanche Current
35
A
PD@TC=25℃
Total Power Dissipation4
21
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
---
Max.
62
Unit
RθJA
Thermal Resistance Junction-Ambient 1
50
65
℃/W
RθJC
Thermal Resistance Junction-Case1
4.6
6
℃/W
BVDSS
RDSON
ID
30V
5.2
mΩ
50A
Power Management in Desktop Computer or
DC/DC Converters.
Isolated DC/DC Converters in Telecom and
Industrial.
 Advanced Trench MOS Technology
 Low Gate Charge
 Low RDS(ON)
 100% EAS Guaranteed
 Green Device Available
Applications
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary
Description


Similar Part No. - FKBA3054

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA3050 FETEK-FKBA3050 Datasheet
571Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA3052 FETEK-FKBA3052 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA3056 FETEK-FKBA3056 Datasheet
580Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA3058 FETEK-FKBA3058 Datasheet
667Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKBA3054

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
N-ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3004M3 UPI-QM3004M3 Datasheet
219Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006D UPI-QM3006D Datasheet
230Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006S UPI-QM3006S Datasheet
303Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3014M3 UPI-QM3014M3 Datasheet
222Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
N-ch 30V Fast Switching MOSFETs
QM3018D UPI-QM3018D Datasheet
222Kb / 4P
N-Ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com