Electronic Components Datasheet Search
  English  ▼

X  

FKBA3072 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA3072
Description  Single N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA3072 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA3072 Datasheet HTML 1Page - FETek Technology Corp. FKBA3072 Datasheet HTML 2Page - FETek Technology Corp. FKBA3072 Datasheet HTML 3Page - FETek Technology Corp. FKBA3072 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA3072
Single N-Channel MOSFET
11
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1,6
120
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1,6
76
A
IDM
Pulsed Drain Current2
240
A
EAS
Single Pulse Avalanche Energy3
80
mJ
IAS
Avalanche Current
40
A
PD@TC=25℃
Total Power Dissipation4
50
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
60
℃/W
RθJC
Thermal Resistance Junction-Case1
---
2.5
℃/W
BVDSS
RDSON
ID
30V
2.0m
Ω
120A
 Advanced Trench MOS Technology
 Low Gate Charge
 100% EAS Tested
 Green Device Available
Applications
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary
Features
⚫ Power Management in Desktop Computer
⚫ DC/DC Converters


Similar Part No. - FKBA3072

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA3002 FETEK-FKBA3002 Datasheet
665Kb / 4P
Single N-Channel MOSFET
Ver : A
FKBA3004 FETEK-FKBA3004 Datasheet
601Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA3006 FETEK-FKBA3006 Datasheet
602Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA3014 FETEK-FKBA3014 Datasheet
601Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA3016 FETEK-FKBA3016 Datasheet
307Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKBA3072

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13402CA-S ELM-TECH-ELM13402CA-S Datasheet
415Kb / 4P
Single N-channel MOSFET
ELM13410CA-S ELM-TECH-ELM13410CA-S Datasheet
396Kb / 4P
Single N-channel MOSFET
ELM16400EA-S ELM-TECH-ELM16400EA-S Datasheet
419Kb / 4P
Single N-channel MOSFET
ELM16404EA-S ELM-TECH-ELM16404EA-S Datasheet
406Kb / 4P
Single N-channel MOSFET
ELM34416AA-N ELM-TECH-ELM34416AA-N Datasheet
331Kb / 4P
Single N-channel MOSFET
ELM2H400SA-S ELM-TECH-ELM2H400SA-S Datasheet
1Mb / 4P
Single N-channel MOSFET
ELM3D0603A-S ELM-TECH-ELM3D0603A-S Datasheet
884Kb / 5P
Single N-channel MOSFET
ELM3D0804A-S ELM-TECH-ELM3D0804A-S Datasheet
811Kb / 4P
Single N-channel MOSFET
ELM3DK502A-S ELM-TECH-ELM3DK502A-S Datasheet
877Kb / 4P
Single N-channel MOSFET
ELM32D606A-S ELM-TECH-ELM32D606A-S Datasheet
870Kb / 4P
Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com