Electronic Components Datasheet Search
  English  ▼

X  

LM101A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM101A
Description  OPERATION AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM101A Datasheet HTML 1Page - National Semiconductor (TI) LM101A Datasheet HTML 2Page - National Semiconductor (TI) LM101A Datasheet HTML 3Page - National Semiconductor (TI) LM101A Datasheet HTML 4Page - National Semiconductor (TI) LM101A Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MICROCIRCUIT DATA SHEET
MNLM101A-X REV 0A0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage
+22V
Differential Input Voltage
+30V
Input Voltage
(Note 3)
+15V
Ouput Short Circuit Duration
(Note 4)
Continuous
Operating Ambient Temperature Range
-55 C to +125 C
Maximum Junction Temperature
150 C
Power Dissipation at TA = 25C
(Note 2)
500 mW
H-Package (Still Air)
1200 mW
H-Package (500LF/Min Air Flow)
1000 mW
J-Package
TBD
J-14-Package
TBD
W-Package
Thermal Resistance
ThetaJA
165 C/W
H-Pkg
(Still Air)
67 C/W
H-Pkg
(500LF/Min Air flow)
110 C/W
J-Pkg
(Still Air)
TBD
J-Pkg
(500LF/Min Air flow)
TBD
J-14-Pkg
(Still Air)
TBD
J-14-Pkg
(500LF/Min Air flow)
233 C/W
W-Pkg
(Still Air)
155 C/W
W-Pkg
(500LF/Min Air flow)
ThetaJC
25 C/W
H-Pkg
TBD
J-Pkg
TBD
J-14-Pkg
26 C/W
W-Pkg
Storage Temperature Range
-65 C to +150 C
Lead Temperature
300 C
(Soldering, 10 seconds)
ESD Tolerance
(Note 5)
2000V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is functional, but do not
guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature). The maximum allowable
power dissipation at any temperature is Pdmax = (Tjmax - TA)/ThetaJA or the number
given in the Absolute Maximum Ratings, whichever is lower.
Note 3:
For supply voltages less than +15V, the absolute maximum input voltage is equal to
the supply voltage.
Note 4:
Continuous short circuit is allowed for case temperatures to 125 C and ambient
temperatures to 75 C for LM101A.
Note 5:
Human body model, 100 pF discharged through 1.5K Ohms.
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com