Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240WAS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAS Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH08T240WAS Datasheet HTML 12Page - Texas Instruments PTH08T240WAS Datasheet HTML 13Page - Texas Instruments PTH08T240WAS Datasheet HTML 14Page - Texas Instruments PTH08T240WAS Datasheet HTML 15Page - Texas Instruments PTH08T240WAS Datasheet HTML 16Page - Texas Instruments PTH08T240WAS Datasheet HTML 17Page - Texas Instruments PTH08T240WAS Datasheet HTML 18Page - Texas Instruments PTH08T240WAS Datasheet HTML 19Page - Texas Instruments PTH08T240WAS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
www.ti.com
PTH08T240W, PTH08T241W
SLTS264D – NOVEMBER 2005 – REVISED OCTOBER 2006
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus
Max.
Ripple
Capacitor Vendor,
Turbo-
Working
Value
ESR
Current
Physical
Input
Type Series (Style)
No
Vendor Part No.
Trans
Voltage
(µF)
at 100
at
Size (mm)
Bus
Turbo-
(Cap
kHz
85
°C
Trans
Type)(2)
(Irms)
Sanyo
TPE, Poscap (SMD)
10 V
330
25m
Ω 3000 mA
7,3
× 4,3
N/R(6)
1 ~ 3
C
≥ 2(2)
10TPE330MF
TPE Poscap(SMD)
2.5 V
470
7m
Ω
4400 mA
7,3
× 4,3
N/R(6)
1 ~ 2
B
≥ 2(2)
2R5TPE470M7 (VO≤ 1.8V)(8)
TPD Poscap (SMD)
2.5 V
1000
5m
Ω
6100 mA
7,3
× 4,3
N/R(6)
1
B
≥ 1(2)
2R5TPD1000M5 (VO≤ 1.8V)(8)
SEP, OS-CON (Radial)
16 V
330
16m
Ω 4700 mA
10
×13
≥1(3)
1 ~ 3
B
≥ 2(2)
16SEP330M
SP OS-CON ( Radial)
16 V
270
18m
Ω 4400 mA
10
× 11,5
≥1(3)
1 ~ 3
B
≥ 2(2)
16SP270M
SEPC, OS-CON (Radial)
16 V
270
11m
Ω 5000 mA
8
× 13
≥1(3)
1 ~ 2
B
≥ 2(2)
16SEPC270M
SVP, OS-CON (SMD)
16 V
330
16m
Ω
4700mA
10
× 12,6
≥1(3)
1 ~ 3(4)
B
≥ 2(2)(4)
16SVP330M
AVX, Tantalum
Series III
10 V
330
40m
Ω 1828 mA 7,3×4,3×4,1
N/R(6)
1 ~ 6(4)
N/R(5)
TPSE337M010R0040 (VO≤ 5.1V)(7)
TPM Multianode
10 V
330
23m
Ω 3000 mA 7,3×4,3×4,1
N/R(6)
1 ~ 3(4)
C
≥ 2(4)(2)
TPME337M010#0023 (VO≤ 5.1V)(7)
TPS Series III (SMD)
4 V
1000
35m
Ω
2405
7,3
× 5,7
N/R(6)
1 ~ 5(4)
N/R(5)
TPSV108K004R0035 (VO≤ 2.1V)(8)
Kemet, Poly-Tantalum
T520 (SMD)
10 V
330
25m
Ω 2600 mA 7,3×4,3×4,1
N/R(6)
1 ~ 4(4)
C
≥ 2(2)
T520X337M010ASE025
T530 (SMD)
6.3 V
330
15m
Ω 3800 mA 7,3×4,3×4,1
N/R(6)
2 ~ 3
B
≥ 2(2)
T530X337M006ASE015 (VO≤ 5.1V)(8)
T530 (SMD)
4 V
680
5m
Ω
7300 mA
7,3
×4,3×4,1
N/R(6)
1
B
≥ 1(2)
T530X687M004ASE005 (VO≤ 3.5V)(8)
T530 (SMD)
2.5 V
1000
5m
Ω
7300 mA
7,3
× 4,3
N/R(6)
1
B
≥ 1(2)
T530X108M2R5ASE005 (VO≤ 2.0V)(8)
Vishay-Sprague
597D, Tantalum (SMD)
16 V
220
40m
Ω 2300 mA 7,2×5,7×4,1
N/R(6)
1 ~ 5
C
≥ 2(2)
597D227X16E2T
94SP, OS-CON (Radial)
16 V
270
18m
Ω
4400mA
10
× 10,5
≥1(3)
1 ~ 3
C
≥ 2(2)
94SP277X0016FBP
94SVP OS-CON(SMD)
16 V
330
17m
Ω 4500 mA
10
× 12,7
≥1(3)
1 ~ 3
B
≥ 2(2)
94SVP337X016F12
Kemet, Ceramic X5R
16 V
10
2m
Ω
–
3225
≥2(3)
≥ 1(9)
A(2)
C1210C106M4PAC
(SMD)
6.3 V
47
2m
Ω
N/R(10)
≥ 1(11)
A(12)
C1210C476K9PAC
Murata, Ceramic X5R
6.3 V
100
2m
Ω
–
3225
N/R(10)
≥ 1(11)
A(12)
GRM32ER60J107M
(SMD)
6.3 V
47
N/R(10)
≥ 1(11)
A(12)
GRM32ER60J476M
25 V
22
≥ 1(13)
≥ 1(11)
A(12)
GRM32ER61E226K
16 V
10
≥2(13)
≥ 1(11)
A(12)
GRM32DR61C106K
TDK, Ceramic X5R
6.3 V
100
2m
Ω
–
3225
N/R(10)
≥ 1(11)
A(12)
C3225X5R0J107MT
(SMD)
6.3 V
47
N/R(10)
≥ 1(11)
A(12)
C3225X5R0J476MT
16 V
10
≥2(13)
≥ 1(11)
A(12)
C3225X5R1C106MT0
16 V
22
≥1(13)
≥ 1(11)
A(12)
C3225X5R1C226MT
(9)
Any combination of ceramic capacitor values is limited to 500
µF for PTH08T240W and 5000 µF for PTH08T241W. The total
capacitance for PTH08T240W is limited to 10,000
µF which includes all ceramic and non-ceramic types.
(10) N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(11) Any combination of ceramic capacitor values is limited to 500
µF for PTH08T240W and 5000 µF for PTH08T241W. The total
capacitance for PTH08T240W is limited to 10,000
µF which includes all ceramic and non-ceramic types.
(12) Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
•
Type A = (100
≤ capacitance × ESR ≤ 1000)
•
Type B = (1,000 < capacitance
× ESR ≤ 5,000)
•
Type C = (5,000 < capacitance
× ESR ≤ 10,000)
(13) In addition to the required input electrolytic capacitance,
≥ 20 µF of ceramic capacitance is required to reduce the high-frequency
reflected ripple current.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com