Electronic Components Datasheet Search
  English  ▼

X  

AD8196 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8196
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8196 Datasheet HTML 16Page - Analog Devices AD8196 Datasheet HTML 17Page - Analog Devices AD8196 Datasheet HTML 18Page - Analog Devices AD8196 Datasheet HTML 19Page - Analog Devices AD8196 Datasheet HTML 20Page - Analog Devices AD8196 Datasheet HTML 21Page - Analog Devices AD8196 Datasheet HTML 22Page - Analog Devices AD8196 Datasheet HTML 23Page - Analog Devices AD8196 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Data Sheet
AD8196
PrA | Page 21 of 24
include external termination resistors for the TMDS differential
pairs on the PCB.
The output termination resistors of the AD8196 back-terminate
the output TMDS transmission lines. These back-terminations
act to absorb reflections from impedance discontinuities on the
output traces, improving the signal integrity of the output traces
and adding flexibility to how the output traces can be routed.
For example, interlayer vias can be used to route the AD8196
TMDS outputs on multiple layers of the PCB without severely
degrading the quality of the output signal.
Auxiliary Control Signals
There are four single-ended control signals associated with each
source or sink in an HDMI/DVI application. These are hot plug
detect (HPD), consumer electronics control (CEC), and two
display data channel (DDC) lines. The two signals on the DDC
bus are SDA and SCL (serial data and serial clock, respectively).
These four signals can be switched through the auxiliary bus of
the AD8196 and do not need to be routed with the same strict
considerations as the high speed TMDS signals.
In general, it is sufficient to route each auxiliary signal as a
single-ended trace. These signals are not sensitive to impedance
discontinuities, do not require a reference plane, and can be
routed on multiple layers of the PCB. However, it is best to
follow strict layout practices whenever possible to prevent the
PCB design from affecting the overall application. The specific
routing of the HPD, CEC, and DDC lines depends upon the
application in which the AD8196 is being used.
For example, the maximum speed of signals present on the
auxiliary lines are 100 kHz I2C data on the DDC lines, therefore,
any layout that enables 100 kHz I2C to be passed over the DDC
bus should suffice. The HDMI 1.3 specification, however, places
a strict 50 pF limit on the amount of capacitance that can be
measured on either SDA or SCL at the HDMI input connector.
This 50 pF limit includes the HDMI connector, the PCB, and
whatever capacitance is seen at the input of the AD8196, or an
equivalent receiver. There is a similar limit of 100 pF of input
capacitance for the CEC line.
The parasitic capacitance of traces on a PCB increases with
trace length. To help ensure that a design satisfies the HDMI
specification, the length of the CEC and DDC lines on the PCB
should be made as short as possible. Additionally, if there is a
reference plane in the layer adjacent to the auxiliary traces in
the PCB stackup, relieving or clearing out this reference plane
immediately under the auxiliary traces significantly decreases
the amount of parasitic trace capacitance. An example of the
board stackup is shown in Figure 33.
PCB DIELECTRIC
LAYER 1: MICROSTRIP
SILKSCREEN
SILKSCREEN
PCB DIELECTRIC
PCB DIELECTRIC
LAYER 2: REFERENCE PLANE
LAYER 3: REFERENCE PLANE
LAYER 4: MICROSTRIP
W
3W
3W
REFERENCE LAYER
RELIEVED UNDERNEATH
MICROSTRIP
Figure 33. Example Board Stackup
HPD is a dc signal presented by a sink to a source to indicate
that the source EDID is available for reading. The placement of
this signal is not critical, but it should be routed as directly as
possible.
When the AD8196 is powered up, one set of the auxiliary inputs
is passively routed to the outputs. In this state, the AD8196
looks like a 100 Ω resistor between the selected auxiliary inputs
and the corresponding outputs as illustrated in Figure 27. The
AD8196 does not buffer the auxiliary signals, therefore, the
input traces, output traces, and the connection through the
AD8196 all must be considered when designing a PCB to meet
HDMI/DVI specifications. The unselected auxiliary inputs of the
AD8196 are placed into a high impedance mode when the device
is powered up. To ensure that all of the auxiliary inputs of the
AD8196 are in a high impedance mode when the device is
powered off, it is necessary to power the AMUXVCC supply as
illustrated in Figure 28.
In contrast to the auxiliary signals, the AD8196 buffers the
TMDS signals, allowing a PCB designer to layout the TMDS
inputs independently of the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com