Electronic Components Datasheet Search
  English  ▼

X  

ADM1172 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1172
Description  2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1172 Datasheet(HTML) 3 Page - Analog Devices

  ADM1172 Datasheet HTML 1Page - Analog Devices ADM1172 Datasheet HTML 2Page - Analog Devices ADM1172 Datasheet HTML 3Page - Analog Devices ADM1172 Datasheet HTML 4Page - Analog Devices ADM1172 Datasheet HTML 5Page - Analog Devices ADM1172 Datasheet HTML 6Page - Analog Devices ADM1172 Datasheet HTML 7Page - Analog Devices ADM1172 Datasheet HTML 8Page - Analog Devices ADM1172 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM1172
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 2.7 V to 16.5 V, TA = −40°C to +85°C, typical values at TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
VCC PIN
Operating Voltage Range
VCC
2.7
16.5
V
Supply Current
ICC
0.65
0.8
mA
Undervoltage Lockout
VUVLO
2.4
2.525
2.65
V
VCC rising
Undervoltage Lockout Hysteresis
VUVLOHYS
40
mV
ON (ON-CLR) PIN
Input Current
IINON
−1
0
+1
μA
Threshold
VON
1.22
1.3
1.38
V
ON rising
Threshold Hysteresis
VONHYST
50
mV
SENSE PIN
Hot Swap Operating Range
2.7
16.5
V
Input Current
IINSENSE
5
10
15
μA
Circuit Breaker Limit Voltage
VCB
44
50
56
mV
VCB = (VCC – VSENSE)
GATE PIN
Drive Voltage
VGATE
4.6
7.5
10
V
VGATE − VCC, VCC = 3.0 V
6.0
8
12
V
VGATE − VCC, VCC = 3.3 V
8.75
10
12
V
VGATE − VCC, VCC = 5 V
7.5
9
12
V
VGATE − VCC, VCC = 12 V
5.56
8
12
V
VGATE − VCC, VCC = 15 V
Pull-Up Current
−6.5
−12
−14.5
μA
VGATE = 0 V
Pull-Down Current
4
mA
VGATE = 3 V, VCC = 5 V, ON (ON-CLR) = low
Pull-Down Current
25
mA
VGATE = 3 V, VCC < UVLO
TIMER PIN
Pull-Up Current
ITIMERUP
−2
−5
−8.5
μA
Initial cycle, VTIMER = 1 V
−25
−60
−100
μA
During current fault, VTIMER = 1 V
Pull-Down Current
ITIMERDN
2
3.5
μA
After Cct breaker tip, VTIMER = 1 V
100
μA
Normal operation, VTIMER = 1 V
Threshold High
VTIMERH
1.22
1.3
1.38
V
TIMER rising
Threshold Low
VTIMERL
0.15
0.2
0.25
V
TIMER falling
PFI PIN
Threshold Rising
0.58
0.6
0.62
V
Threshold Hysteresis
10
mV
Input Current
−1
0
+1
μA
PFO PIN
Pull-Up Current
−5
μA
Output Low Voltage
0.4
V
ILOAD = 200 μA
tOFF
Turn-Off Time (TIMER Rise to GATE Fall)
2
μs
VTIMER = 0 V to 2 V step, VCC = VON = 5 V
Turn-Off Time (ON Fall to GATE Fall)
40
μs
VON = 5 V to 0 V step, VCC = 5 V
Turn-Off Time (VCC Fall to IC Reset)
40
μs
VCC = 5 V to 2 V step, VON = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com