Electronic Components Datasheet Search
  English  ▼

X  

BLV897 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV897
Description  UHF push-pull power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV897 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV897 Datasheet HTML 1Page - NXP Semiconductors BLV897 Datasheet HTML 2Page - NXP Semiconductors BLV897 Datasheet HTML 3Page - NXP Semiconductors BLV897 Datasheet HTML 4Page - NXP Semiconductors BLV897 Datasheet HTML 5Page - NXP Semiconductors BLV897 Datasheet HTML 6Page - NXP Semiconductors BLV897 Datasheet HTML 7Page - NXP Semiconductors BLV897 Datasheet HTML 8Page - NXP Semiconductors BLV897 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Nov 10
2
Philips Semiconductors
Preliminary specification
UHF push-pull power transistor
BLV897
FEATURES
• Internal input matching for an optimum wideband
capability and high gain
• Polysilicon emitter ballasting resistors for an optimum
temperature profile
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Common emitter class-AB operation in base stations in
the 800 to 960 MHz frequency band.
DESCRIPTION
NPN silicon planar transistor with two sections in push-pull
configuration. The device is encapsulated in a SOT324B
4-lead rectangular flange package with a ceramic cap.
The common emitters are connected to the flange.
PINNING - SOT324B
PIN
SYMBOL
DESCRIPTION
1
c1
collector 1
2
c2
collector 2
3
b1
base 1
4
b2
base 2
5
e
common emitters connected to
flange
handbook, halfpage
12
5
3
4
MAM217
Top view
c1
b1
b2
c2
e
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common emitter push-pull test circuit.
MODE OF
OPERATION
f
(MHz)
VCE
(V)
ICQ
(mA)
PL
(W)
Gp
(dB)
ηC
(%)
d3
(dBc)
CW, class-AB
900
24
2
× 80
30
≥10
≥45
−
2-tone, class-AB
900
24
2
× 80
30 (PEP)
≥11
≥35
<
−32; typ. −37
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO discs are not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com