Electronic Components Datasheet Search
  English  ▼

X  

CFR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFR
Description  Carbon Film Resistors Normal & Miniature Style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CFR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFR Datasheet HTML 1Page - List of Unclassifed Manufacturers CFR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YAGEO CORPORATION LEADED RESISTORS
Carbon Film Resistors
CFR Series
Normal & Miniature Style
FEATURES
Industry’s Lowest Cost
Delivery From Stock in Bulk,Taped and Strip Pack
Exceptional Long-Term Stability
Exceeds Carbon Comp MIL-R-11 Performance
Resistance Tolerance: 2%, 5%
Variety of Packaging–Bulk, Strip Pack, 26mm and 52mm Tape and Reel, Cut and Formed, or Radial
Panasert/Avisert
Unit : mm
INTRODUCTION
Billions of products are already in use
worldwide in all types of applications-from
process control instrumentation to telephone
receivers and FM radio to color television.
The secret is in a proprietary production
system and baking by a uniquely designed and
automated production technique. Years of
experience in making raw materials and
production machinery prove the unique
quality and high reliability of these products.
The meet-or far exceed-such specifications as
EIA RS196A. JIS-C-6402 and IEC-115.
The resistors are coated with layers of tan
color lacquer.
ød
H
L
øD
DIMENSIONS
STYLE
DIMENSION
Normal
Miniature
L
øD
H
ød
CFR-12
CFR25S
3.4 0.3
1.9 0.2
28 2.0
0.5 0.05
CFR-25
CFR50S
6.3 0.5
2.4 0.2
28 2.0
0.6 0.05
CFR-50
CFR1WS
9.0 0.5
3.3 0.3
26 2.0
0.6 0.05
CFR100
CFR2WS
11.5 1.0
4.5 0.5
35 2.0
0.8 0.05
CFR200
–
15.5 1.0
5.0 0.5
33 2.0
0.8 0.05
DERATING CURVE
Ambient Temperature (ºC)
Rated Load (%)
Surface Temp. Rise (ºC)
Applied Load, % of RCWV
TABLE 1TEMPERATURE COEFFICIENT
STYLE
Max.Value of Temp. Coefficient ppm/ºC
under 100K
100K
~ 1M
1M
~ 10M
CFR100, CFR200, CFR2WS
350
-500
-1500
CFR-12, CFR-25, CFR-50,
+350
-700
-1500
CFR25S, CFR50S, CFR1WS
-500
HOT-SPOT TEMPERATURE
70ºC
20
40
60
80
100
120
140
160
180
100
80
60
40
20
Measuring Position
200
150
100
50
CFR2WS
CFR200
CFR1WS
CFR100
CFR50S
CFR-50
CFR25S
CFR-12
CFR-25
0
25
50
75
100


Similar Part No. - CFR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CFR TEC-CFR Datasheet
333Kb / 4P
Carbon film fixed Resistors
CFR TEC-CFR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
YAGEO Corporation
CFR YAGEO-CFR Datasheet
1Mb / 16P
CARBON FILM RESISTORS
April 3, 2024 V.3
CFR -25 YAGEO-CFR -25 Datasheet
1Mb / 16P
CARBON FILM RESISTORS
April 3, 2024 V.3
CFR -50 YAGEO-CFR -50 Datasheet
1Mb / 16P
CARBON FILM RESISTORS
April 3, 2024 V.3
More results

Similar Description - CFR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR ETC1-MFR Datasheet
36Kb / 2P
Metal Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
Carbon Film Resistor Normal & Miniature Style
RMF TAITRON-RMF Datasheet
265Kb / 6P
Metal Film Resistor Normal & Miniature Style
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
HOKURIKU ELECTRIC INDUS...
E0111AA HOKURIKU-E0111AA Datasheet
42Kb / 1P
Miniature Paint Insulated Carbon Film Fixed Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com