Electronic Components Datasheet Search
  English  ▼

X  

8103 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8103
Description  Belden Inc. [BELDEN]^1310
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8103 Datasheet(HTML) 2 Page - Belden Inc.

  8103 Datasheet HTML 1Page - Belden Inc. 8103 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bend Radius
Stationary Min. Installation Min.
2.8 in (71 mm)
2.8 in (71 mm)
Max. Pull Tension:
52 lbs (24 kg)
Bulk Cable Weight:
39 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor (Not Riser or Plenum), Indoor
Flammability / Reaction to Fire:
UL 1685 FT4 Loading, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca; CPR UKCA Class: Eca
NEC / UL Compliance:
Article 800, CM
AWM Compliance:
AWM 2919
CEC / C(UL) Compliance:
CM
European Directive
Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
88103
Product Notes
Notes:
Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data handling. Physical properties include good crush
resistance and light weight.
History
Update and Revision:
Revision Number: 0.547 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC/EAN
8103.0030
Chrome Reel
30 m
8719605017727
8103 060100
Chrome Reel
100 ft
612825194798
8103.01152
Chrome Reel
152 m
8719605017741
8103.00305
Chrome Reel
305 m
8719605017734
8103 060500
Chrome Reel
500 ft
612825194828
8103 0601000
Chrome Reel
1,000 ft
612825194804
8103.013048
Chrome Reel
3,048 m
8719605017758
8103 0605000
Chrome Reel
5,000 ft
612825194835
8103 06010000 Chrome Reel
10,000 ft 612825194811
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com