Electronic Components Datasheet Search
  English  ▼

X  

82512 Datasheet(PDF) 1 Page - Belden Inc.

Part # 82512
Description  RS-232, #24-12.5pr, FEP, O/A Foil, LS-PVC Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

82512 Datasheet(HTML) 1 Page - Belden Inc.

  82512 Datasheet HTML 1Page - Belden Inc. 82512 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 82512
RS-232, #24-12.5pr, FEP, O/A Foil, LS-PVC Jkt, CMP
Product Description
Computer EIA RS-232 Cable, 12.5-Pair, 24 AWG stranded (7x32) tinned copper conductors, FEP insulation, overall Beldfoil® shield (100% coverage), 24 AWG
stranded tinned copper drain wire, Flamarrest® jacket, plenum rated.
Technical Specifications
Product Overview
Suitable Applications:
indoor plenum applications; RS-232 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level
audio; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Pair(s)
12
24 AWG 7x32
TC - Tinned Copper
Conductor(s) 1
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom. Insulation
Diameter
Color Code
Pair(s)
FEP - Fluorinated Ethylene
Propylene
0.006 in (0.15
mm)
0.036 in (0.91 mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange, Red & White,
Red & Green, Red & Blue, Red & Yellow, Red & Brown, Yellow
Conductor(s)
FEP - Fluorinated Ethylene
Propylene
0.006 in (0.15
mm)
0.036 in (0.91 mm)
Yellow
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.278 in (7.06 mm)
Overall Cable Diameter (Nominal):
0.278 in (7.06 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Pair(s)
24.1 Ohm/1000ft
23 pF/ft (75 pF/m)
42 pF/ft (140 pF/m)
1.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
0°C to +60°C


Similar Part No. - 82512

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8251 MALLORY-8251 Datasheet
199Kb / 2P
MSD Pro-Power HVC Coil
logo
Santronics Inc
8251 SCS-8251 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
logo
EAO AG.
8251510000B001 EAO-8251510000B001 Datasheet
1Mb / 8P
Robust and attractive
8251510002B001 EAO-8251510002B001 Datasheet
1Mb / 8P
Robust and attractive
8251510010B001 EAO-8251510010B001 Datasheet
1Mb / 8P
Robust and attractive
More results

Similar Description - 82512

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
82502 BELDEN-82502 Datasheet
157Kb / 2P
RS232, #24-2pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82503 BELDEN-82503 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
82504 BELDEN-82504 Datasheet
158Kb / 2P
RS232, #24-4pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82505 BELDEN-82505 Datasheet
161Kb / 2P
RS232, #24-5pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82506 BELDEN-82506 Datasheet
159Kb / 2P
RS232, #24-6pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82509 BELDEN-82509 Datasheet
161Kb / 2P
RS232, #24-9pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82641 BELDEN-82641 Datasheet
182Kb / 2P
RS232, #24-1pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
89503 BELDEN-89503 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89504 BELDEN-89504 Datasheet
159Kb / 2P
RS232, #24-4pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89505 BELDEN-89505 Datasheet
162Kb / 2P
RS232, #24-5pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com