Electronic Components Datasheet Search
  English  ▼

X  

RC01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RC01
Description  General purpose chip resistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RC01 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2002 Apr 09 Rev.9
5
Phycomp
Product specification
General purpose chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
5%
PULSE LOADING CAPABILITIES
These pulses may not be applied on a regular basis.
Fig.2
Maximum permissible peak pulse voltage without failing to ‘open circuit’
in accordance with DIN IEC 60040 (CO) 533 for type: RC01.
handbook, full pagewidth
10
10 2
10 3
10 4
10 5
10 6
10 7
MBD641
10
4
10
10
2
10
3
V
R
(
Ω)
n
1.2/50
µs
10/700
µs
max
(V)
Fig.3
Maximum permissible peak pulse voltage without failing to ‘open circuit’
in accordance with DIN IEC 60040 (CO) 533 for type: RC11.
handbook, full pagewidth
10
10 2
10 3
10 4
10 5
10 6
10 7
MBD587
10
4
10
10
2
10
3
V
R
(
Ω)
n
1.2/50
µs
10/700
µs
max
(V)
These pulses may not be applied on a regular basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com