Electronic Components Datasheet Search
  English  ▼

X  

SQP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SQP
Description  AXIAL LEAD TYPE Standard TypeSQP Series, Non-Inductive TypeNSP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SQP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SQP Datasheet HTML 1Page - List of Unclassifed Manufacturers SQP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YAGEO CORPORATION LEADED RESISTORS
DIMENSIONS
STYLE
L
W
H
ød
SQP200
18
± 1.0
6.5
± 1.0
6.5
± 1.0
0.8
± 0.05
SQP300
22
± 1.5
8.0
± 1.0
8.0
± 1.0
0.8
± 0.05
SQP500
22
± 1.5
9.5
± 1.0
9.0
± 1.0
0.8
± 0.05
SQP700
35
± 1.5
9.5
± 1.0
9.0
± 1.0
0.8
± 0.05
SQP10A
48
± 1.5
9.5
± 1.0
9.0
± 1.0
0.8
± 0.05
SQP15A
48
± 1.5
12.5
± 1.5
12.5
± 1.5
1.0
± 0.05
SQP20A
60
± 2.0
12.5
± 1.5
12.5
± 1.5
1.0
± 0.05
Cement Resistors
AXIAL LEAD TYPE
Standard Type[SQP Series], Non-Inductive Type[NSP Series]
Unit : mm
INTRODUCTION
• The materials used and the construction
techniques ensure excellent flame resistance,
arc resistance and moisture resistances as
well as self-extinguishing capabilities. They
will withstand the most rigorous loading test
•As resistors in radio and television receivers,
the hazardous conditions of smoking and
redheat can be completely prevented by the
proper choice of power resistors
ød
38
±3.
L
H
TEMPERATURE RISE
Temperature Rise (ºC)
Rated Load (%)
FEATURES
Exceptionally Small and Sturdy; Mechanically Safe. Excellent Electrical Characteristics
Resistance Tolerance:
± 5%
Applicable Specifications: EIA RS-344 and EIA RC-649
DERATING CURVE
Ambient Temperature (ºC)
Rated Load (%)
W
38
±3.
100
80
60
40
20
0
-50
0
50
100 150
200 250 300
25 40 70
155
275
3W-5W
7W-10W
15W-20W
2W
20W
15W
10W
7W
5W
3W
2W
0
20
40
60
80
100
120
250
200
150
100
50
0


Similar Part No. - SQP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SQP WELWYN-SQP Datasheet
77Kb / 2P
Ceramic Case Resisters - Wirewound / Metal Oxide
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
High overload capability
logo
RFE international
SQP RFE-SQP Datasheet
786Kb / 2P
Cement Box Power Resistors
DEC-01-2023
logo
YAGEO Corporation
SQP YAGEO-SQP Datasheet
1Mb / 9P
Cement Resistors
Mar. 06, 2024 V.4
logo
TE Connectivity Ltd
SQP / SQM / SQZ TEC-SQP / SQM / SQZ Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - SQP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
Nichicon corporation
TVX1J332MDD NICHICON-TVX1J332MDD Datasheet
53Kb / 2P
Axial lead type of standard series for general purposes.
TVX1H101MAD NICHICON-TVX1H101MAD Datasheet
52Kb / 2P
Axial lead type of standard series for general purposes.
logo
jb Capacitors Company
JFR JBCAPACITORS-JFR Datasheet
304Kb / 1P
Inductive, Radial & Axial, welded lead style.
logo
MERITEK ELECTRONICS COR...
HTRT MERITEK-HTRT Datasheet
716Kb / 2P
Axial lead type of standard series for general purpose
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
02-May-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com