Electronic Components Datasheet Search
  English  ▼

X  

RSF3WS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RSF3WS
Description  FLAME-PROOF TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RSF3WS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RSF3WS Datasheet HTML 1Page - List of Unclassifed Manufacturers RSF3WS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YAGEO CORPORATION LEADED RESISTORS
Metal Oxide Film Resistors
FLAME-PROOF TYPE
Normal & Miniature Style [ RSF Series ]
FEATURES
Low Cost, Prompt Delivery
High Power-to-Size Ratio for Significant Space Savings
Complete Flameproof Construction-UL 1412
High Surge/Overload Capability
Non-Inductive Design
Wide Resistance Range: 1
Ω~1MΩ
Resistance ToLerance:
± 5%
Unit : mm
INTRODUCTION
These Metal Oxide Resistors offer excellent
performance in applications where stability
and uniformity of characteristics are desired.
They provide lower cost alternatives to
Carbon Composition Resistors and General
Purpose Metal Films. Metal Oxides also can
replace many low power General Purpose
wirewound applications, saving both money
and time, with shorter delivery cycles.
The normal style & the miniature style of RSF
series are coated with layers of gray and pink
colors flame-proof lacquer respectively.
ød
H
L
øD
DIMENSIONS
STYLE
DIMENSION
Normal
Miniature
L
øD
H
ød
–
RSF50S
6.3
± 0.5
2.3
± 0.3
28
± 2.0
0.6
± 0.05
RSF-50
–
9.0
± 0.5
3.2
± 0.3
26
± 2.0
0.6
± 0.05
–
RSF1WS
9.0
± 0.5
3.2
± 0.3
26
± 2.0
0.6
± 0.05
RSF100
RSF2WS
11.5
± 1.0
4.5
± 0.5
35
± 2.0
0.8
± 0.05
RSF200
RSF3WS
15.5
± 1.0
5.0
± 0.5
33
± 2.0
0.8
± 0.05
RSF5SS
RSF3WM
17.5
± 1.0
6.5
± 1.0
32
± 2.0
0.8
± 0.05
RSF300
RSF5WS
24.5
± 1.0
8.5
± 1.0
38
± 2.0
0.8
± 0.05
RSF500
–
24.5
± 1.0
8.5
± 1.0
38
± 2.0
0.8
± 0.05
DERATING CURVE
Ambient Temperature (ºC)
Rated Load (%)
HOT-SPOT TEMPERATURE
Surface Temp. Rise (ºC)
Applied Load, % of RCWV
100
80
60
40
20
50
100
150
200
250
70ºC
025
50
75
100
200
150
100
50
RSF500
RSF5WS
RSF300
RSF3WM, RSF5SS
RSF2WS RSF3WS
RSF200
RSF1WS
RSF100
RSF50S
RSF-50
Measuring Position


Similar Part No. - RSF3WS

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RSF3WS YAGEO-RSF3WS Datasheet
1Mb / 18P
Metal Oxide Film Resistors
Apr. 01, 2024 V.4
More results

Similar Description - RSF3WS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
Flame-Proof Fusible Resistors
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
YAGEO Corporation
FMP-50 YAGEO-FMP-50 Datasheet
122Kb / 2P
High Power Flame-Proof type
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
logo
YAGEO Corporation
FKN2WSJT73-0R5 YAGEO-FKN2WSJT73-0R5 Datasheet
296Kb / 2P
Flame-Proof Type Normal & Miniature Style [ FKN Series ]
FKN300FR-73-15R YAGEO-FKN300FR-73-15R Datasheet
247Kb / 2P
Fusible & Flame-Proof Type Normal & Miniature Style [ FKN Series ]
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
Flame-Proof Fusible Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DFR DUBILIER-DFR Datasheet
718Kb / 5P
Power Flame Proof Resistors
DHVR DUBILIER-DHVR Datasheet
404Kb / 2P
High Voltage Flame Proof Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com