Electronic Components Datasheet Search
  English  ▼

X  

AND8002 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8002
Description  ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8002 Datasheet(HTML) 1 Page - ON Semiconductor

  AND8002 Datasheet HTML 1Page - ON Semiconductor AND8002 Datasheet HTML 2Page - ON Semiconductor AND8002 Datasheet HTML 3Page - ON Semiconductor AND8002 Datasheet HTML 4Page - ON Semiconductor AND8002 Datasheet HTML 5Page - ON Semiconductor AND8002 Datasheet HTML 6Page - ON Semiconductor AND8002 Datasheet HTML 7Page - ON Semiconductor AND8002 Datasheet HTML 8Page - ON Semiconductor AND8002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 Semiconductor Components Industries, LLC, 2004
November, 2004 − Rev. 5
1
Publication Order Number:
AND8002/D
AND8002/D
ECLinPS
, ECLinPS Lite,
ECLinPS Plus
,
ECLinPS MAX
, and
GigaComm
 Marking and
Ordering Information Guide
Prepared by: Paul Shockman
ON Semiconductor
HFPD Applications Engineer
Introduction
This application note describes the device markings and
ordering information for the following ON Semiconductor
families (refer to the respective family data book for family
information):
• ECLinPS
• ECLinPS Lite
• ECLinPS Plus
• ECLinPS MAX
• GigaComm
Note that data sheet information takes precedence over
this application note if there are any differences.
Application Note Information
This application note is divided into the following
sections:
• Section 1: Data Sheet Marking Diagrams − The
diagrams provide identification, traceability, date, and
packaging information.
• Section 2: Data Sheet Ordering Information Tables −
The tables list the device order numbers for every
available device configuration.
This application note also includes the following
appendices:
• Appendix 1: ECLinPS Device Order Number and
Marking tables.
• Appendix 2: ECLinPS Lite Device Order Number and
Marking tables.
• Appendix 3: ECLinPS Plus Device Order Number and
Marking tables.
• Appendix 4: ECLinPS MAX Device Order Number
and Marking Tables.
• Appendix 5: GigaComm Device Order Number and
Marking tables.
APPLICATION NOTE
http://onsemi.com


Similar Part No. - AND8002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8002D ONSEMI-AND8002D Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
Interfacing with ECLinPS
May, 2002 ??Rev. 2
AND8009 ONSEMI-AND8009 Datasheet
192Kb / 67P
ECLinPS Plus SPICE Modeling Kit
February, 2004 ??Rev. 10
AN1504 ONSEMI-AN1504 Datasheet
135Kb / 8P
Metastability and the ECLinPS Family
November, 2004 ??Rev. 2
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
Reference and Ordering Information
August 2009, version 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com