Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2155L Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS2155L Datasheet HTML 41Page - Maxim Integrated Products DS2155L Datasheet HTML 42Page - Maxim Integrated Products DS2155L Datasheet HTML 43Page - Maxim Integrated Products DS2155L Datasheet HTML 44Page - Maxim Integrated Products DS2155L Datasheet HTML 45Page - Maxim Integrated Products DS2155L Datasheet HTML 46Page - Maxim Integrated Products DS2155L Datasheet HTML 47Page - Maxim Integrated Products DS2155L Datasheet HTML 48Page - Maxim Integrated Products DS2155L Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 240 page
background image
DS2155
45 of 240
7. SPECIAL PER-CHANNEL REGISTER OPERATION
Some of the features described in the data sheet that operate on a per-channel basis use a special method
for channel selection. There are five registers involved: per-channel pointer register (PCPR) and per-
channel data registers 1–4 (PCDR1–4). The user selects which function or functions are to be applied on a
per-channel basis by setting the appropriate bit(s) in the PCPR register. The user then writes to the PCDR
registers to select the channels for that function. The following is an example of mapping the transmit and
receive BERT function to channels 9–12, 20, and 21.
Write 11h to PCPR
Write 00h to PCDR1
Write 0fh to PCDR2
Write 18h to PCDR3
Write 00h to PCDR4
The user may write to the PCDR1-4 with muliple functions in the PCPR register selected, but can only
read the values from the PCDR1-4 registers for a single function at a time. More information about how
to use these per-channel features can be found in their respective sections in the data sheet.
Register Name:
PCPR
Register Description:
Per-Channel Pointer Register
Register Address:
28h
Bit #
7
6
5
4
3
2
1
0
Name
RSAOICS
RSRCS
RFCS
BRCS
THSCS
PEICS
TFCS
BTCS
Default
0
0
0
0
0
0
0
0
Bit 0/Bert Transmit Channel Select (BTCS)
Bit 1/Transmit Fractional Channel Select (TFCS)
Bit 2/Payload Error Insert Channel Select (PEICS)
Bit 3/Transmit Hardware Signaling Channel Select (THSCS)
Bit 4/Bert Receive Channel Select (BRCS)
Bit 5/Receive Fractional Channel Select (RFCS)
Bit 6/Receive Signaling Reinsertion Channel Select (RSRCS)
Bit 7/Receive Signaling All-Ones Insertion Channel Select (RSAOICS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com