Electronic Components Datasheet Search
  English  ▼

X  

CE71 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # CE71
Description  0.25um CMOS Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CE71 Datasheet(HTML) 2 Page - fujitsu semiconductor

  CE71 Datasheet HTML 1Page - fujitsu semiconductor CE71 Datasheet HTML 2Page - fujitsu semiconductor CE71 Datasheet HTML 3Page - fujitsu semiconductor CE71 Datasheet HTML 4Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L-Series with 44µm Inline Pad Pitch and Au Bump
Frame
Total Gates
Total Pads
Signals
CE71L4
356K
304
264
CE71L5
476K
352
304
CE71L6
677K
420
360
CE71L7
1,034K
520
428
CE71L8
1,469K
620
504
CE71L9
1,976K
720
504
CE71LA
2,513K
812
504
CE71LB
3,001K
888
504
CE71LC
3,506K
960
504
CE71LD
4,050K
1,032
504
CE71LE
5,043K
1,152
504
T-Series with 88µm Inline Pad Pitch and Wire Bonding
Frame
Total Gates
Total Pads
Signals
CE71T2
347K
144
128
CE71T3
524K
176
156
CE71T4
734K
208
178
CE71T5
845K
224
192
CE71T6
963K
240
206
CE71T7
1.110K
256
220
CE71T8
1.407K
288
248
CE71T9
1.559K
304
264
CE71TA
1.827K
328
264
CE71TB
2.088K
352
312
CE71TC
2.398K
376
312
CE71TD
3.040K
424
360
CE71TE
3.645K
464
360
CE71TG
5.152K
552
264
Mixed-Signal Macros
D/A Converters
• 10-bit: 1 MS/s, 1.5 MS/s,
30 MS/s, 50 MS/s,
100 MS/s, 220 MS/s
• 8-bit: 200 KS/s, 1 MS/s, 50 MS/s
A/D Converters
• 12-bit: 1 MS/s
• 10-bit: 1 MS/s, 20 MS/s, 40 MS/s
• 8-bit: 1 MS/s, 30 MS/s, 50 MS/s
• 6-bit: 100 MS/s, 500 MS/s
Multiplier Compiler
• Multiplicand (m): 4 ≤ m ≤ 32
• Multiplier (n): 4 ≤ n ≤ 32 (even number only)
Memory Macros
• SRAM Compiler: single and dual port (1 R/W, 1R), up to
72K bits per block, both BUS and Partial Write
• ROM Compiler: up to 512K bits per block
• High-density single-port RAM 288K bits
• Register file (2R/W, 2R/2W), up to 4,608 bits
Phase-Locked Loops
• Analog: up to 250 MHz (622 MHz under development)
I/Os
• 2.5V, 3.3V, and 5V tolerant
• Slew-rate controlled
• CMOS,TTL, PCML,T-LVTTL, LVDS, PCI, SSTL,
GTL+,AGP, USB
SOC IP Cores
ARM 7TDMI Hard Macro
ARC 32-bit RISC
834/836 SPARClite Hard Macros
Oak DSP Hard Macro
10/100 MAC
64/256 QAM
MPEG2 Decoder/Demultiplexer
8VSBTV Demodulator
AC-3 DolbyVoice Decoder
JPEG Encoder and Decoder
PCI–33/66 MHz, 32/64-bit cores
USB Host Controller/Device
I2C
IDE (ATA3) Host Controller
Smart Card I/F
IRDA I/R Interface
More IPs are being added
ASIC Design Kit and EDA Support
Verilog Logic Simulators from
Verilog-XL, NC-Verilog,
Cadence, Synopsys, and Mentor
VCS, Model-sim (Verilog)
VHDL/VITAL Logic
VSS, Model-sim (VHDL), V-System,
Simulators from Synopsys,
Leapfrog
Cadence, and Mentor
Synthesis, power, DFT, and
Design Compiler, Design Power, Test
STA tools from Synopsys
Compiler, PrimeTime, MOTIVE, and
Sunrise TestGen
Other EDA tools
Chrysalis Design Verifyer and
Sente Watt Watcher
CE71 Series Embedded Array
Fujitsu Microelectronics, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com