Electronic Components Datasheet Search
  English  ▼

X  

2608011024000 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2608011024000
Description  MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2608011024000 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 2608011024000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Reference Design Note
MagI3C Power Modules
DNS005 MagI3C Multi Color LED Driver
DNS005 V1.0
Alexander Zeller
– June 2019
Page 7/20
Copyright © Würth Elektronik eiSos GmbH & Co. KG
4. Description
4.1
Complete system: Power Board, User Panel and LED Panel
Figure 7: Complete System
4.2 Power Board
Figure 8: Power Board
The jumpers next to the LED drivers change the maximum output current for each channel. Jumper J9, J15, J20 and J27
will set the current to 300mA. With J10, J16, J21and J28 the current is limited to 350mA. The maximum output current of
450mA is set with the jumpers J11, J17, J22 and J29. Please note that you should only set one jumper per channel,
• 18-48V
In ; 1,8-Vin Vout ; up to 450mA
• LDHM LED Step Down High Current Module
172946001
• VDRM Variable Step Down Regulator Module
QFN-41 171021501
• PIC16F1527 Microcontroller
• Bluetooth 4.2 Smart Module (260811024000)
• Switch between V
In, Off and +15V
• Input and Output Filter
• Robust screw terminal for V
In and VOut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com