Electronic Components Datasheet Search
  English  ▼

X  

MR5000.MP2 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # MR5000.MP2
Description  PCB MOUNT LED INDICATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MR5000.MP2 Datasheet(HTML) 1 Page - QT Optoelectronics

  MR5000.MP2 Datasheet HTML 1Page - QT Optoelectronics MR5000.MP2 Datasheet HTML 2Page - QT Optoelectronics MR5000.MP2 Datasheet HTML 3Page - QT Optoelectronics MR5000.MP2 Datasheet HTML 4Page - QT Optoelectronics MR5000.MP2 Datasheet HTML 5Page - QT Optoelectronics MR5000.MP2 Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
.045
(1.14)
.143
(3.63)
+
.029 MAX
(0.74)
.099 (2.52)
.093 (2.36)
.100
(2.54)
.500
(12.70)
.300
(7.62)
.125
(3.18)
DENOTES
ANODE
LEAD
+
.250
(6.35)
.099 (2.52)
.093 (2.36)
+
.250
(6.35)
.135 MIN
(3.43)
.029 MAX
(0.74)
.125
(3.18)
.080 DIA
(2.03)
.045
(1.14)
.200
(5.08)
.040
(1.02)
.100
(2.54)
+
DENOTES
ANODE
LEAD
DENOTES
ANODE
LEAD
+
.150
(3.81)
.300
(7.62)
.099 (2.52)
.093 (2.36)
.080 DIA
(2.03)
.045
(1.14)
.250
(6.35)
.029 MAX
(0.74)
.200
(5.08)
.050
(1.27)
.125 MIN
(3.18)
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
MV5000.MP1
RED
1.7
3.0
20
1
MV5300.MP1
YLW
2.1
2.0
20
1
MV5400.MP1
GRN
2.3
3.5
20
1
MV5000.MP2
RED
1.7
3.0
20
2
MV5300.MP2
YLW
2.1
2.0
20
2
MV5400.MP2
GRN
2.3
3.5
20
2
MV5000.MP3
RED
1.7
3.0
20
3
MV5300.MP3
YLW
2.1
2.0
20
3
MV5400.MP3
GRN
2.3
3.5
20
3
INTEGRAL RESISTOR
MR5000.MP1
RED
5.0
.6
3
1
MR5010.MP1
RED
5.0
1.2
6
1
MR5020.MP1
RED
5.0
2.0
16
1
MR5310.MP1
YLW
5.0
.6
5
1
MR5410.MP1
GRN
5.0
.5
5
1
MR5000.MP2
RED
5.0
.6
3
2
MR5010.MP2
RED
5.0
1.2
6
2
MR5020.MP2
RED
5.0
2.0
16
2
MR5310.MP2
YLW
5.0
.6
5
2
MR5410.MP2
GRN
5.0
.5
5
2
MR5000.MP3
RED
5.0
.6
3
3
MR5010.MP3
RED
5.0
1.2
6
3
MR5020.MP3
RED
5.0
2.0
16
3
MR5310.MP3
YLW
5.0
.6
5
3
MR5410.MP3
GRN
5.0
.5
5
3
T-3/4 (Subminiature)
PACKAGE DIMENSIONS
PCB MOUNT LED INDICATORS
Page 1 of 6
DESCRIPTION
For right-angle and vertical viewing, the
QT Optoelectronics LED circuit board indicators
come in T-3/4, T-1 and T-1 3/4 lamp sizes, and in
single, dual and multiple packages. The indicators
are available in AIGaAs red, high-efficiency red,
bright red, green, yellow, and bi-color at standard
drive currents, as well as at 2 mA drive current.
To reduce component cost and save space, 5 V
and 12 V types are available with integrated
resistors. The LEDs are packaged in a black plas-
tic housing for optical contrast, and the housing
meets UL94V-0 flammability specifications.
FIG. - 1
FIG. - 2
FIG. - 3
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.


Similar Part No. - MR5000.MP2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MR5000.MP2 QT-MR5000.MP2 Datasheet
70Kb / 6P
PCB MOUNT LED INDICATORS
More results

Similar Description - MR5000.MP2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV5000 QT-MV5000 Datasheet
70Kb / 6P
PCB MOUNT LED INDICATORS
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
PCB MOUNT LED INDICATORS
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
pcb led indicators
122-305-04 MARL-122-305-04_13 Datasheet
245Kb / 5P
pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
pcb led indicators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com