Electronic Components Datasheet Search
  English  ▼

X  

384 Datasheet(PDF) 1 Page - Littelfuse

Part # 384
Description  SUBMINIATURE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

384 Datasheet(HTML) 1 Page - Littelfuse

  384 Datasheet HTML 1Page - Littelfuse 384 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebSite:
WebSite:
WebSite:
WebSite:
WebSite: www.wickmann.com
• Europe
Europe
Europe
Europe
Europe Tel: +49 (2302) 662-107
• Americas
Americas
Americas
Americas
Americas Tel: +1 (404) 699-7820
• Asia
Asia
Asia
Asia
Asia Tel: +852 26 14-1108
E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
WICKMANN
0300208
0300208
0300208
0300208
0300208
∅ 8,5
∅ 0,6
5,08
1.00A
1100
250V
140
400
2.8
•••••
•••••
•••••
•••••
P
1.25A
1125
250V
130
500
5
•••••
•••••
•••••
•••••
P
1.60A
1160
250V
115
600
8
•••••
•••••
•••••
•••••
P
2.00A
1200
250V
100
650
14
•••••
•••••
•••••
•••••
P
2.50A
1250
250V
100
850
32
•••••
•••••
•••••
•••••
P
3.15A
1315
250V
95
1100
45
•••••
•••••
•••••
•••••
P
150A / 250VAC1
50-60Hz
cos
ϕ = 1.0
S
S
S
S
SUBMINIA
UBMINIA
UBMINIA
UBMINIA
UBMINIATURE
TURE
TURE
TURE
TURE
F
FF
FFUSES
USES
USES
USES
USES
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV
IEC 60127-3/IV, 250V
, 250V
, 250V
, 250V
, 250V, T
, T
, T
, T
, T
T
T
T
T
Time-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Time Lag (T)
Standard
Standard
Standard
Standard
Standard
IEC 60127-3/IV
Approvals
Approvals
Approvals
Approvals
Approvals
VDE: License No. 137847
SEMKO: Certificate No. 0135203 / 300454
cULus Recognized: File No. E 67006
METI: File No. 32-1926, JET0381-31007-1001
CCC: pending
Features
Features
Features
Features
Features
Enhanced breaking capacity
Lead-Free construction
Suitable for Lead-Free soldering
Reduced PCB space requirements
Low internal resistance
Shocksafe casing
Vibration resistant
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Data Sheet - latest version
Data Sheet - latest version
Data Sheet - latest version
Data Sheet - latest version
Data Sheet - latest version
www.wickmannusa.com/products/384.pdf
Approval Certificates
Approval Certificates
Approval Certificates
Approval Certificates
Approval Certificates
www.wickmannusa.com/approvals
T
T
T
T
Time-Current Curve
ime-Current Curve
ime-Current Curve
ime-Current Curve
ime-Current Curve
www.wickmannusa.com/itcurves
Packaging
Packaging
Packaging
Packaging
Packaging
www.wickmannusa.com/pack
For Application Information refer to
For Application Information refer to
For Application Information refer to
For Application Information refer to
For Application Information refer to
www.wickmannusa.com/download/fuseology.pdf
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Long Leads (L=18.8mm)
Rated Current
1.5 x I
Rated
2.1 x I
Rated
2.75 x I
Rated
4 x I
Rated
10 x I
Rated
1.00A / 3.15A
> 1h
< 2 min
400ms ... 10s 150ms ... 3s 20ms ... 150ms
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
Rated
1.5 x I
Rated
10 x I
Rated
max. (mV)
max. (mW)
min. (A2s)
Holes in PCB
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging Code and Info
Packaging Code and Info
Packaging Code and Info
Packaging Code and Info
Packaging Code and Info
000: Tape/Ammopack (1000 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94V0
Round Pins:
Copper alloy, tin plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40ºC to +85ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25ºC/+70ºC/21 days (IEC 60068-2-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity
≤ 75% yearly average,
without dew, maximum value for 30 days-95%
V
V
V
V
Vibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10N (IEC 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260ºC,
≤ 3 sec. (Wave)
350ºC,
≤ 1 sec. (Hand)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, 384, 250V, T, Current Rating, Approvals
Unit W
Unit W
Unit W
Unit W
Unit Weight
eight
eight
eight
eight
0.82g (approx.)
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing Time
ime
ime
ime
ime
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
≤≤≤≤≤ 100
100
100
100
100% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
1 Breaking capacity ratings per approval agencies:
VDE:
35 A at 250V
150 A at 250V; Expert Report
SEMKO:
150 A at 250V
UL:
50 A at 250V
METI:
100 A at 250V
p Pending
TR5® / No. 384
384
384
384
384
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Amp Code
Amp Code
Amp Code
Amp Code
Pack. Code
Pack. Code
Pack. Code
Pack. Code
Pack. Code
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
384
Specifications are subject to change without notice.


Similar Part No. - 384

ManufacturerPart #DatasheetDescription
logo
Energizer
384 ENERGIZER-384 Datasheet
197Kb / 1P
Silver Oxide Batteries
logo
France Joint
384 FRANCEJOINT-384 Datasheet
371Kb / 2P
ROD SEALS
logo
Littelfuse
384 LITTELFUSE-384 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
List of Unclassifed Man...
384-1017 ETC2-384-1017 Datasheet
71Kb / 2P
Clip-On Heat Sink
logo
Magnetrol International...
384-2K00-003 MAGNETROL-384-2K00-003 Datasheet
546Kb / 36P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
More results

Similar Description - 384

ManufacturerPart #DatasheetDescription
logo
Littelfuse
370 LITTELFUSE-370 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
374 LITTELFUSE-374 Datasheet
93Kb / 2P
SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
Subminiature Fuses
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
Subminiature Fuses
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
Subminiature Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com