Electronic Components Datasheet Search
  English  ▼

X  

417 Datasheet(PDF) 1 Page - Littelfuse

Part # 417
Description  SURFACE MOUNT FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

417 Datasheet(HTML) 1 Page - Littelfuse

  417 Datasheet HTML 1Page - Littelfuse 417 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WebSite:
WebSite:
WebSite:
WebSite:
WebSite: www.wickmann.com
• Europe
Europe
Europe
Europe
Europe Tel: +49 (2302) 662-107
• Americas
Americas
Americas
Americas
Americas Tel: +1 (404) 699-7820
• Asia
Asia
Asia
Asia
Asia Tel: +852 26 14-1108
FaxBack: +1 (404) 699-6176
E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
WICKMANN
000801
000801
000801
000801
000801
400mA
0400
125V
440
180
0.031
•
•
500mA
0500
125V
420
210
0.036
•
•
630mA
0630
125V
400
255
0.05
•
•
800mA
0800
125V
350
280
0.17
•
•
1.00A
1100
125V
200
200
0.2
•
•
1.25A
1125
125V
195
245
0.31
•
•
1.60A
1160
125V
190
305
0.53
•
•
2.00A
1200
125V
185
370
0.95
•
•
2.50A
1250
125V
180
450
1.5
•
•
3.15A
1315
125V
175
555
2.6
•
•
4.00A
1400
125V
170
680
4.5
•
•
5.00A
1500
125V
150
750
8.1
•
•
6.30A
1630
75V
100
630
14
•
•
7.00A
1700
75V
95
665
16
•
•
8.00A
1800
75V
90
720
18
•
•
10.00A
2100
75V
85
850
24
•
•
50A / 75VAC
50A / 60VDC
50-60Hz
cos
ϕ = 1.0
1,4 ±0,2
6,0 ±0,2
1,4 ±0,2
3,2 +0,05
1,75 +0,05
1,75 +0,05
3,2 +0,05
2,8 +0,05
2,8 +0,05
50A / 125VAC
50A / 60VDC
50-60Hz
cos
ϕ = 1.0
S
S
S
S
SURFACE
URFACE
URFACE
URFACE
URFACE
M
M
M
M
MOUNT
OUNT
OUNT
OUNT
OUNT
F
FF
FFUSES
USES
USES
USES
USES
SMQ / No. 417/418
417/418
417/418
417/418
417/418
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
Pad Layout
Pad Layout
Pad Layout
Pad Layout
Pad Layout
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
≤≤≤≤≤ 777770% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
0% at ambient temperature of 23ºC (73.4ºF).
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
Rated
1.0 x I
Rated
10 x I
Rated
No. 417
No. 417
No. 417
No. 417
No. 417
max. (mV)
max. (mW)
max. (A2s)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
UL 248-14, 125V
UL 248-14, 125V
UL 248-14, 125V
UL 248-14, 125V
UL 248-14, 125V, F
, F
, F
, F
, F
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Quick Acting (F)
Standard
Standard
Standard
Standard
Standard
UL 248-14
CSA C22.2 No. 248.14
Approvals
Approvals
Approvals
Approvals
Approvals
UL Recognized: File No. E 67006
CSA Certified: File No. LR 702775
Features
Features
Features
Features
Features
Flame resistant ceramic housing
For line or low voltage applications
Low voltage drop
Internationally approved
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Data Sheet
Data Sheet
Data Sheet
Data Sheet
Data Sheet
www.wickmann.com/products/417.pdf
Approval Certificates
Approval Certificates
Approval Certificates
Approval Certificates
Approval Certificates
www.wickmann.com/approvals
T
T
T
T
Time-Current Curve
ime-Current Curve
ime-Current Curve
ime-Current Curve
ime-Current Curve
Page 70
www.wickmann.com/itcurves
Packaging
Packaging
Packaging
Packaging
Packaging
Page 118
www.wickmann.com/pack
FaxBack Document # 325
FaxBack Document # 325
FaxBack Document # 325
FaxBack Document # 325
FaxBack Document # 325
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Blister Tape (1000 pcs.)
Materials
Materials
Materials
Materials
Materials
Housing:
Ceramic
Element:
Wire
Terminals:
Copper alloy, tin plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-55ºC to +125ºC (consider de-rating)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity
≤ 75% yearly average,
without dew, maximum value for 30 days-95%
V
V
V
V
Vibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
2 hrs. in each axis
10 - 55 - 10Hz at 1.5mm amplitude
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 3 sec. (IEC 60068-2-58)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260ºC, 10 sec. (IEC 60068-2-58)
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Minimum Cross Section, Copper
Conducting path - 0.1mm2 (417) / 0.2mm2 (418)
Path thickness - 0.035mm (417) / 0.07mm (418)
Mounting
Mounting
Mounting
Mounting
Mounting
Solder the fuse with the marked side facing up
Avoid circuit traces below the fuse
Marking
Marking
Marking
Marking
Marking
, Current Rating
Unit W
Unit W
Unit W
Unit W
Unit Weight
eight
eight
eight
eight
0.23g (approx.)
No. 418
No. 418
No. 418
No. 418
No. 418
for short circuit back-up protection
for short circuit back-up protection
for short circuit back-up protection
for short circuit back-up protection
for short circuit back-up protection
Reflow
Wave
Rated Current
2.0 x I
Rated
2.0 x I
Rated
400mA ... 10.00A
< 60s
< 5s


Similar Part No. - 417

ManufacturerPart #DatasheetDescription
logo
France Joint
417 FRANCEJOINT-417 Datasheet
356Kb / 3P
WIPER SEALS
logo
Keystone Electronics Co...
417 KEYSTONE-417 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
France Joint
417.0100186 FRANCEJOINT-417.0100186 Datasheet
356Kb / 3P
WIPER SEALS
417.0120206 FRANCEJOINT-417.0120206 Datasheet
356Kb / 3P
WIPER SEALS
417.0140226 FRANCEJOINT-417.0140226 Datasheet
356Kb / 3P
WIPER SEALS
More results

Similar Description - 417

ManufacturerPart #DatasheetDescription
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com