Electronic Components Datasheet Search
  English  ▼

X  

BLV935 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV935
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV935 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV935 Datasheet HTML 1Page - NXP Semiconductors BLV935 Datasheet HTML 2Page - NXP Semiconductors BLV935 Datasheet HTML 3Page - NXP Semiconductors BLV935 Datasheet HTML 4Page - NXP Semiconductors BLV935 Datasheet HTML 5Page - NXP Semiconductors BLV935 Datasheet HTML 6Page - NXP Semiconductors BLV935 Datasheet HTML 7Page - NXP Semiconductors BLV935 Datasheet HTML 8Page - NXP Semiconductors BLV935 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1995 Jun 29
2
Philips Semiconductors
Product specification
UHF power transistor
BLV935
FEATURES
• Emitter ballasting resistors for an optimum temperature
profile
• Gold metallization ensures excellent reliability
• Internal input matching to achieve high power gain and
easy design of wideband circuits.
APPLICATIONS
• Base stations in the 820 to 980 MHz range.
DESCRIPTION
NPN silicon planar epitaxial transistor intended for
common emitter class-AB operation. The transistor has
internal input matching by means of MOS capacitors and
is encapsulated in a 6-lead SOT273 flange envelope with
a ceramic cap. All leads are isolated from the flange.
PINNING - SOT273
PIN
SYMBOL
DESCRIPTION
1
e
emitter
2
e
emitter
3
c
collector
4
b
base
5
e
emitter
6
e
emitter
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
3
5
2
4
6
Top view
e
c
b
MAM033
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common emitter test circuit.
MODE OF OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-AB
960
26
30
≥ 9
≥ 55
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com