Electronic Components Datasheet Search
  English  ▼

X  

83503 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83503
Description  Electronic, 3 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83503 Datasheet(HTML) 1 Page - Belden Inc.

  83503 Datasheet HTML 1Page - Belden Inc. 83503 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83503
Electronic, 3 C #24 Str TC, FEP Ins, OS+TC Brd, FEP Jkt, CMP
Product Description
High Temperature Electronic, 3 Conductor 24AWG (7x32) Tinned Copper, FEP Insulation, Overall Beldfoil®+Tinned Copper Braid(85%) Shield, FEP Outer
Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line
level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 3
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.006 in (0.15 mm) 0.036 in (0.91 mm)
Black, White, Red
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.014 in (0.36 mm) 0.137 in (3.48 mm)
Overall Cable Diameter
(Nominal):
0.137 in (3.48 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 24 Ohm/1000ft
20 pF/ft (66 pF/m)
36 pF/ft (120 pF/m)
2 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-70°C to +200°C
Bend Radius


Similar Part No. - 83503

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
83503 PEREGRINE-83503 Datasheet
246Kb / 7P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler
logo
Mallory performance clu...
83503 MALLORY-83503 Datasheet
625Kb / 8P
MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
logo
Peregrine Semiconductor...
83503-00 PEREGRINE-83503-00 Datasheet
246Kb / 7P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler
83503-00 PEREGRINE-83503-00 Datasheet
185Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
83503-21 PEREGRINE-83503-21 Datasheet
246Kb / 7P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler
More results

Similar Description - 83503

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83512 BELDEN-83512 Datasheet
225Kb / 2P
Electronic, 12 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83515 BELDEN-83515 Datasheet
224Kb / 2P
Electronic, 15 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83653 BELDEN-83653 Datasheet
194Kb / 2P
Electronic, 3 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83703 BELDEN-83703 Datasheet
193Kb / 2P
Electronic, 3 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83719 BELDEN-83719 Datasheet
226Kb / 2P
Electronic, 19 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83569 BELDEN-83569 Datasheet
204Kb / 2P
Electronic, 19 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83506 BELDEN-83506 Datasheet
205Kb / 2P
Electronic, 6 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83504 BELDEN-83504 Datasheet
162Kb / 2P
Electronic, 4 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83509 BELDEN-83509 Datasheet
224Kb / 2P
Electronic, 9 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83553 BELDEN-83553 Datasheet
187Kb / 2P
Electronic, 3 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com