Electronic Components Datasheet Search
  English  ▼

X  

85231 Datasheet(PDF) 1 Page - Belden Inc.

Part # 85231
Description  Electronic, 2 C #16 Str TC, ETFE Ins, OS, ETFE Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

85231 Datasheet(HTML) 1 Page - Belden Inc.

  85231 Datasheet HTML 1Page - Belden Inc. 85231 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 85231
Electronic, 2 C #16 Str TC, ETFE Ins, OS, ETFE Jkt
Product Description
High Temperature Electronic, 2 Conductor 16AWG (19x29) Tinned Copper, ETFE Insulation, Overall Beldfoil® Shield, ETFE Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); instrumentation
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 2
16 AWG 19x29
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) ETFE - Ethylene Tetrafluoroethylene 0.014 in (0.36 mm) 0.082 in (2.1 mm)
Black, Red
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Kapton®) 100%
18 AWG (7x26) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
ETFE - Ethylene Tetrafluoroethylene 0.020 in (0.51 mm) 0.210 in (5.33 mm)
Overall Cable Diameter (Nominal): 0.210 in (5.33 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 4.45 Ohm/1000ft
44 pF/ft (140 pF/m)
79 pF/ft (260 pF/m)
12 Amps per Conductor at 30ºC
Voltage
Voltage Rating
300 V
Mechanical Characteristics
Temperature
Operating
-30°C to +150°C
Bend Radius
Stationary Min. Installation Min.
2.1 in (53 mm)
2.1 in (53 mm)
Max. Pull Tension:
102.4 lbs (46.45 kg)


Similar Part No. - 85231

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8523 FILTRAN-8523 Datasheet
176Kb / 1P
T1/E1 Interface Modules
logo
Belden Inc.
85230 BELDEN-85230 Datasheet
180Kb / 2P
Electronic, 2 C #20 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
85230-3681000 BELDEN-85230-3681000 Datasheet
180Kb / 2P
Electronic, 2 C #20 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
85230-368500 BELDEN-85230-368500 Datasheet
180Kb / 2P
Electronic, 2 C #20 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
logo
Weidmuller
8523400000 WEIDMULLER-8523400000 Datasheet
2Mb / 58P
Mini Coupler / Mini Conditioner
More results

Similar Description - 85231

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
85102 BELDEN-85102 Datasheet
248Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
85164 BELDEN-85164 Datasheet
182Kb / 2P
Electronic, 4 Pr #20 Str TC, ETFE Ins, OS, ETFE Jkt
05-05-2023
85168 BELDEN-85168 Datasheet
186Kb / 3P
Electronic, 8 Pr #20 Str TC, ETFE Ins, OS, ETFE Jkt
05-05-2023
85230 BELDEN-85230 Datasheet
180Kb / 2P
Electronic, 2 C #20 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
85220 BELDEN-85220 Datasheet
158Kb / 2P
Electronic, 2 C #20 Str TC, ETFE Ins, ETFE Jkt
01-20-2023
85240 BELDEN-85240 Datasheet
179Kb / 2P
Electronic, 3 C #20 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
85103 BELDEN-85103 Datasheet
156Kb / 2P
Electronic, 3 C #16 Str TC, ETFE Ins, ETFE Jkt
05-05-2023
85109 BELDEN-85109 Datasheet
156Kb / 2P
Electronic, 9 C #16 Str TC, ETFE Ins, ETFE Jkt
05-05-2023
85221 BELDEN-85221 Datasheet
155Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
05-05-2023
85241 BELDEN-85241 Datasheet
172Kb / 2P
Electronic, 3 C #16 Str TC, ETFE Ins, OS, ETFE Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com