Electronic Components Datasheet Search
  English  ▼

X  

87740 Datasheet(PDF) 1 Page - Belden Inc.

Part # 87740
Description  Electronic, 2 C #18 Str TC, FEP Ins, PVDF Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

87740 Datasheet(HTML) 1 Page - Belden Inc.

  87740 Datasheet HTML 1Page - Belden Inc. 87740 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 87740
Electronic, 2 C #18 Str TC, FEP Ins, PVDF Jkt, CMP
Product Description
High Temperature Electronic, 2 Conductor 18AWG (19x30) Tinned Copper, FEP Insulation, PVDF Outer Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
extreme high temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …);
line level audio; voice communications; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
1
18 AWG 19x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Pair(s)
FEP - Fluorinated Ethylene Propylene 0.0065 in (0.17 mm) 0.057 in (1.4 mm)
Black & Red
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVDF - Polyvinylidene Fluoride 0.011 in (0.28 mm) 0.136 in
Overall Cable Diameter
(Nominal):
0.136 in.
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Characteristic Impedence
Max. Current
7.1 Ohm/1000ft
20 pF/ft (66 pF/m)
72 Ohm
8.2 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-20°C To +150°C
Bend Radius
Stationary Min.
Installation Min.
1.36 in (34.5 mm) 1.36 in


Similar Part No. - 87740

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8774060100 ETC2-8774060100 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
87740601000 ETC2-87740601000 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
8774060250 ETC2-8774060250 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
8774060500 ETC2-8774060500 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
More results

Similar Description - 87740

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
87760 BELDEN-87760 Datasheet
148Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, PVDF Jkt, CMP
01-20-2023
87761 BELDEN-87761 Datasheet
158Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, OS, PVDF Jkt, CMP
01-20-2023
88760 BELDEN-88760 Datasheet
212Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
04-19-2023
82740 BELDEN-82740 Datasheet
181Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, PVC Jkt, CMP
01-20-2023
88442 BELDEN-88442 Datasheet
197Kb / 2P
Electronic, 2 C #22 Str TC, FEP Ins, FEP Jkt, CMP
03-04-2023
88489 BELDEN-88489 Datasheet
161Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, FEP Jkt, CMP
05-05-2023
88770 BELDEN-88770 Datasheet
205Kb / 2P
Electronic, 3 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
83652 BELDEN-83652 Datasheet
192Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
89418 BELDEN-89418 Datasheet
190Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
89740 BELDEN-89740 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com