Electronic Components Datasheet Search
  English  ▼

X  

BC857AM Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BC857AM
Description  PNP general purpose transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC857AM Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BC857AM Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC857AM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2004 Mar 10
4
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC857M series
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE = 0
−
−15
nA
VCB = −30 V; IE = 0; Tj = 150 °C
−
−5
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−
−100
nA
hFE
DC current gain
VCE = −5 V; IC = −2 mA
BC857AM
125
250
BC857BM
220
475
BC857CM
420
800
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V
−600
−750
mV
IC = −10 mA; VCE = −5 V
−
−820
mV
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−
−200
mV
IC = −100 mA; IB = −5 mA; note 1
−
−400
mV
Cc
collector capacitance
IE = ie = 0; VCB = −10 V; f = 1 MHz
−
2.5
pF
fT
transition frequency
VCE = −5 V; IC = −10 mA;
f = 100 MHz
100
−
MHz
F
noise figure
IC = −200 μA; VCE = −5 V;
RS = 2 kΩ; f = 1 kHz; B = 200 Hz
−
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com