Electronic Components Datasheet Search
  English  ▼

X  

AFE8000IALK Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE8000IALK
Description  AFE80xx RF Sampling Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE8000IALK Datasheet(HTML) 4 Page - Texas Instruments

  AFE8000IALK Datasheet HTML 1Page - Texas Instruments AFE8000IALK Datasheet HTML 2Page - Texas Instruments AFE8000IALK Datasheet HTML 3Page - Texas Instruments AFE8000IALK Datasheet HTML 4Page - Texas Instruments AFE8000IALK Datasheet HTML 5Page - Texas Instruments AFE8000IALK Datasheet HTML 6Page - Texas Instruments AFE8000IALK Datasheet HTML 7Page - Texas Instruments AFE8000IALK Datasheet HTML 8Page - Texas Instruments AFE8000IALK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Jul-2023
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
AFE8000IABJ
ACTIVE
FCBGA
ABJ
400
90
RoHS & Green
SNAGCU
Level-3-260C-168 HR
-40 to 85
AFE8000
Samples
AFE8000IALK
ACTIVE
FCBGA
ALK
400
90
Non-RoHS
& Green
Call TI
Level-3-220C-168 HR
-40 to 85
AFE8000
SNPB
Samples
AFE8004IABJ
ACTIVE
FCBGA
ABJ
400
90
RoHS & Green
SNAGCU
Level-3-260C-168 HR
-40 to 85
AFE8004
Samples
AFE8004IALK
ACTIVE
FCBGA
ALK
400
90
Non-RoHS
& Green
Call TI
Level-3-220C-168 HR
-40 to 85
AFE8004
SNPB
Samples
AFE8010IABJ
ACTIVE
FCBGA
ABJ
400
90
RoHS & Green
SNAGCU
Level-3-260C-168 HR
-40 to 85
AFE8010
Samples
AFE8010IALK
ACTIVE
FCBGA
ALK
400
90
Non-RoHS
& Green
Call TI
Level-3-220C-168 HR
-40 to 85
AFE8010
SNPB
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com