Electronic Components Datasheet Search
  English  ▼

X  

ESD451DPLR Datasheet(PDF) 5 Page - Texas Instruments

Part # ESD451DPLR
Description  ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD451DPLR Datasheet(HTML) 5 Page - Texas Instruments

  ESD451DPLR Datasheet HTML 1Page - Texas Instruments ESD451DPLR Datasheet HTML 2Page - Texas Instruments ESD451DPLR Datasheet HTML 3Page - Texas Instruments ESD451DPLR Datasheet HTML 4Page - Texas Instruments ESD451DPLR Datasheet HTML 5Page - Texas Instruments ESD451DPLR Datasheet HTML 6Page - Texas Instruments ESD451DPLR Datasheet HTML 7Page - Texas Instruments ESD451DPLR Datasheet HTML 8Page - Texas Instruments ESD451DPLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
6.6 Electrical Characteristics
At TA=25
℃ (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO <100 nA, across operating temperature range
-5.5
5.5
V
ILEAK
Reverse leakage
current
VIO = 5.5 V, IO to GND or GND to IO
5
50
nA
VBRR
Break-down
voltage
IIO = 1 mA, IO to GND
7
8
9
V
VBRF
Break-down
voltage
IIO = 1 mA, GND to IO
7
8
9
V
VHOLD
Holding voltage
(2)
TLP, IO to GND or GND to IO
7.2
V
VCLAMP
Clamping voltage
with TLP
IPP = 1 A, TLP, IO to GND
7.6
V
IPP = 5 A, TLP, IO to GND
8.2
V
IPP = 16 A, TLP, IO to GND
10.4
V
IPP =1 A, TLP, GND to IO
7.6
V
IPP =5 A, TLP, GND to IO
8.2
V
IPP =16 A, TLP, GND to IO
10.4
V
Clamping voltage
with surge strike
(4)
IPP = 6 A, tp = 8/20 µs , IO to GND
9.5
V
IPP = 6 A, tp = 8/20 µs , GND to IO
9.5
V
RDYN
Dynamic
resistance (3)
IO to GND
0.19
Ω
GND to IO
CL
Line capacitance VIO = 0 V; ƒ = 1 MHz, Vpp = 30 mV, IO to GND or IO to GND
0.5
pF
(1)
Typical parameters are measured at 25
℃
(2)
Transition line pulse with 100 ns width and 10 ns rise and fall time
(3)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10 A and I = 20 A
(4)
Nonrepetitive current pulse 8 to 20 µs exponentially decaying waveform according to IEC 61000-4-5
www.ti.com
ESD451
SLVSH27A – APRIL 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com