Electronic Components Datasheet Search
  English  ▼

X  

BLV98CE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLV98CE
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV98CE Datasheet(HTML) 4 Page - NXP Semiconductors

  BLV98CE Datasheet HTML 1Page - NXP Semiconductors BLV98CE Datasheet HTML 2Page - NXP Semiconductors BLV98CE Datasheet HTML 3Page - NXP Semiconductors BLV98CE Datasheet HTML 4Page - NXP Semiconductors BLV98CE Datasheet HTML 5Page - NXP Semiconductors BLV98CE Datasheet HTML 6Page - NXP Semiconductors BLV98CE Datasheet HTML 7Page - NXP Semiconductors BLV98CE Datasheet HTML 8Page - NXP Semiconductors BLV98CE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
March 1993
4
Philips Semiconductors
Product specification
UHF power transistor
BLV98CE
CHARACTERISTICS
at Tj =25 °C unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter
IC = 25 mA
50
−−
V
V(BR)CEO
collector-emitter breakdown voltage
open base
IC = 50 mA
27
−−
V
V(BR)EBO
emitter-base breakdown voltage
open collector
IE = 5 mA
3.5
−−
V
ICES
collector leakage current
VBE =0
VCE = 27 V
−−
5mA
hFE
DC current gain
IC =1 A
VCE = 20 V
15
−−
Cc
collector capacitance at f = 1 MHz
IE =Ie =0
VCB = 24 V
−
23
−
pF
Cre
feedback capacitance at f = 1 MHz
IC =0
VCE = 24 V
−
14
−
pF
Ccf
collector-flange capacitance
−
2
−
pF
Fig.4
DC current gain as a function of collector
current; typical values.
handbook, halfpage
01
2
hFE
IC (A)
4
100
0
80
3
60
40
20
MDA451
VCE = 24 V
20 V
Fig.5
Output capacitance as a function of VCB;
typical values.
handbook, halfpage
010
VCB (V)
Cc
(pF)
20
30
100
0
80
60
40
20
MDA452



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com