Electronic Components Datasheet Search
  English  ▼

X  

WMS7204010P Datasheet(PDF) 23 Page - Winbond

Part # WMS7204010P
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204010P Datasheet(HTML) 23 Page - Winbond

Back Button WMS7204010P Datasheet HTML 19Page - Winbond WMS7204010P Datasheet HTML 20Page - Winbond WMS7204010P Datasheet HTML 21Page - Winbond WMS7204010P Datasheet HTML 22Page - Winbond WMS7204010P Datasheet HTML 23Page - Winbond WMS7204010P Datasheet HTML 24Page - Winbond WMS7204010P Datasheet HTML 25Page - Winbond WMS7204010P Datasheet HTML 26Page - Winbond WMS7204010P Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
WMS7204
Publication Release Date: January 2003
- 23 -
Revision 1.0
10.1 TEST CIRCUITS
FIGURE 7 – TEST CIRCUITS
Potentiometer divider nonlinearity error
test circuit (INL, DNL)
*Assume infinite input impedance
V+
VMS*
V+ = VDD
1LSB= V+/255
WMS7204
VA
VB
VW
Resistor position nonlinearity error test
circuit (Rheostat Operation: R-INL, R-DNL)
*Assume infinite input impedance
No Connection
VMS*
WMS7204
W
VA
VB
VW
IW
WMS7204
Wiper resistance test circuit
*Assume infinite input impedance
VMS*
WMS7204
VA
VB
VW
IW
IW = VDD/RTotal
RW = VMS/IW
Power supply sensitivity test circuit (PSS, PSRR)
*Assume infinite input impedance
V+
V+ = VDD±10%
VA
VB
VW
VMS*
PSRR(dB) = 20LOG(
)
∆VMS
∆VDD
PSS(%/%) = ∆VMS
∆VDD
WMS7204
VA
VB
VW
VIN
~
+5V
2.5V DC
Offset
VOUT
Capacitance test circuit
VA
VB
WMS7204
VW
VIN
~
+5V
2.5V DC
VOUT
OFFSET
GND
Gain vs. frequency test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com