Electronic Components Datasheet Search
  English  ▼

X  

SN74AHC02DGVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC02DGVR
Description  SNx4AHC02 Quadruple 2-Input Positive-Nor Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC02DGVR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHC02DGVR Datasheet HTML 1Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 2Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 3Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 4Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 5Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 6Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 7Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 8Page - Texas Instruments SN74AHC02DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Description.......................................................................1
3 Revision History.............................................................. 2
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions ........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................5
5.6 Switching Characteristics, VCC = 3.3 V ± 0.3 V...........5
5.7 Switching Characteristics, VCC = 5 V ± 0.5 V..............6
5.8 Noise Characteristics.................................................. 6
5.9 Operating Characteristics........................................... 6
6 Parameter Measurement Information............................ 7
7 Detailed Description........................................................8
7.1 Functional Block Diagram........................................... 8
7.2 Device Functional Modes............................................8
8 Device and Documentation Support..............................9
8.1 Documentation Support.............................................. 9
8.2 Receiving Notification of Documentation Updates......9
8.3 Support Resources..................................................... 9
8.4 Trademarks.................................................................9
8.5 Electrostatic Discharge Caution..................................9
8.6 Glossary......................................................................9
9 Mechanical, Packaging, and Orderable Information.. 10
3 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision L (May 2013) to Revision M (June 2023)
Page
• Added Package Information table, Pin Functions table, ESD Ratings table, Thermal Information table, Device
Functional Modes, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ............................................................................................................................................ 1
• Added BQA package to Package Information table........................................................................................... 1
• Updated thermal values for RθJA: D = 86 to 124.5, PW = 113 to 147.7, all values in °C/W.............................. 5
• Added thermal value for RθJA: BQA = 88.3, all values in °C/W.........................................................................5
Changes from Revision K (July 2003) to Revision L (May 2013)
Page
• Changed document format from Quicksilver to DocZone...................................................................................1
• Extended operating temperature range to 125°C............................................................................................... 4
SN74AHC02, SN54AHC02
SCLS254M – DECEMBER 1995 – REVISED JUNE 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN74AHC02 SN54AHC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com