Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS35
Description  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 17Page - Texas Instruments TPS35 Datasheet HTML 18Page - Texas Instruments TPS35 Datasheet HTML 19Page - Texas Instruments TPS35 Datasheet HTML 20Page - Texas Instruments TPS35 Datasheet HTML 21Page - Texas Instruments TPS35 Datasheet HTML 22Page - Texas Instruments TPS35 Datasheet HTML 23Page - Texas Instruments TPS35 Datasheet HTML 24Page - Texas Instruments TPS35 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
8.3.3 WDO Output
The TPS3435 device offers WDO output pin. WDO output is asserted when MR pin voltage is lower than 0.3 X
VDD or watchdog timer error is detected.
The output will be asserted for tWDO time when any relevant events described above are detected, except for MR
event. The time tWDO can be programmed by connecting a capacitor between CRST pin and GND or device will
assert tWDO for fixed time duration as selected by orderable part number. Refer Section 5 section for all available
options.
Equation 2 describes the relationship between capacitor value and the time tWDO. Ensure the capacitance meets
the recommended operating range. Capacitance outside the recommended range can lead to incorrect operation
of the device.
tWDO (sec) = 4.95 x 106 x CCRST (F)
(2)
TPS3435 also offers a unique option of latched output. An orderable with latched output will hold the output in
asserted state indefinitely until the device is power cycled or the error condition is addressed. If the output is
latched due to MR pin low voltage, the output latch will be released when MR pin voltage rises above 0.7 x VDD
level. If the output is latched due to watchdog timer error, the output latch will be released when a WDI negative
edge is detected or the device is shutdown and powered up again.
8.4 Device Functional Modes
Table 8-3 summarizes the functional modes of the TPS3435.
Table 8-3. Device Functional Modes
VDD
Watchdog Status
WDI
WDO
VDD < VPOR
Not Applicable
—
Undefined
VPOR ≤ VDD < VDDmin
Not Applicable
Ignored
High
VDD ≥ VDDmin
Disabled
Ignored
High
Enabled
tpulse (1) < tWD(min)
High
Enabled
tpulse (1) > tWD(max)
Low
(1)
Where tpulse is the time between falling edges on WDI.
www.ti.com
TPS3435
SNVSCF7 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com