Electronic Components Datasheet Search
  English  ▼

X  

FKBA4064 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA4064
Description  N-Ch 40V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA4064 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA4064 Datasheet HTML 1Page - FETek Technology Corp. FKBA4064 Datasheet HTML 2Page - FETek Technology Corp. FKBA4064 Datasheet HTML 3Page - FETek Technology Corp. FKBA4064 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : B
FKBA4064
N-Ch 40V Fast Switching MOSFETs
11
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1,6
85
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1,6
67
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
24
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
19
A
IDM
Pulsed Drain Current2
250
A
EAS
Single Pulse Avalanche Energy3
256
mJ
IAS
Avalanche Current
32
A
PD@TC=25℃
Total Power Dissipation4
48
W
PD@TA=25℃
Total Power Dissipation4
2.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
50
℃/W
RθJC
Thermal Resistance Junction-Case1
---
2.6
℃/W
BVDSS
RDSON
ID
40V
2.8m
Ω
85A
Applications
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary
⚫ SMPS Synchronous Rectification
⚫ DC/DC Converters
⚫ Or-ing
Features
⚫ Advanced Trench MOS Technology
⚫ Low RDS(ON)
⚫ 100% EAS Guaranteed
⚫ Green Device Available


Similar Part No. - FKBA4064

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA4004 FETEK-FKBA4004 Datasheet
554Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4006 FETEK-FKBA4006 Datasheet
462Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4014 FETEK-FKBA4014 Datasheet
582Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4016 FETEK-FKBA4016 Datasheet
463Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4024A FETEK-FKBA4024A Datasheet
722Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKBA4064

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD4002 XINDEYI-UD4002 Datasheet
689Kb / 4P
N-Ch 40V Fast Switching MOSFETs
logo
uPI Group Inc.
QM4002AD UPI-QM4002AD Datasheet
267Kb / 4P
N-Ch 40V Fast Switching MOSFETs
QM4004D UPI-QM4004D Datasheet
220Kb / 4P
N-Ch 40V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA4004 FETEK-FKBA4004 Datasheet
554Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4048 FETEK-FKBA4048 Datasheet
460Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : B
FKBA4086A FETEK-FKBA4086A Datasheet
493Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBB4052 FETEK-FKBB4052 Datasheet
435Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : B
FKN4002 FETEK-FKN4002 Datasheet
483Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4002 FETEK-FKS4002 Datasheet
551Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4006 FETEK-FKS4006 Datasheet
550Kb / 4P
N-Ch 40V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com