Electronic Components Datasheet Search
  English  ▼

X  

MH205 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # MH205
Description  High Linearity Cellular-Band MMIC Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH205 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  MH205 Datasheet HTML 1Page - WJ Communication. Inc. MH205 Datasheet HTML 2Page - WJ Communication. Inc. MH205 Datasheet HTML 3Page - WJ Communication. Inc. MH205 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
February 2004
MH205
High Linearity Cellular-Band MMIC Mixer
Product Information
Typical Performance Plots: Low-side Upconversion
InputIP3vsRFFrequency
Low-side Uponversion, LO = +17 dBm, 25° C
22
24
26
28
30
32
800
820
840
860
880
900
920
RFFrequency(MHz)
IF = 70 MHz
IF = 120 MHz
IF = 140 MHz
InputIP3vsRFFrequency
Low-side Upconversion, IF = 120 MHz, 25°C
22
24
26
28
30
32
800
820
840
860
880
900
920
RFFrequency(MHz)
LO=+15dBm
LO=+16dBm
LO=+17dBm
LO=+18dBm
LO=+19dBm
InputIP3vsRFFrequency
Low-sideUpconversion,IF=120MHz,LO=+17dBm
22
24
26
28
30
32
800
820
840
860
880
900
920
RFFrequency(MHz)
-40°C
+25°C
+85°C
ConversionLossvsRFFrequency
Low-side Upconversion, LO = +17 dBm, 25°C
5
6
7
8
9
10
800
820
840
860
880
900
920
RF Frequency (MHz)
IF = 70 MHz
IF = 120 MHz
IF = 140 MHz
ConversionLossvsRFFrequency
Low-side Upconversion, IF = 120 MHz, 25°C
5
6
7
8
9
10
800
820
840
860
880
900
920
RFFrequency(MHz)
LO = +15 dBm
LO = +16 dBm
LO = +17 dBm
LO = +18 dBm
LO = +19 dBm
ConversionLossvsRFFrequency
Low-sideUpconversion,IF=120MHz,LO=+17dBm
5
6
7
8
9
10
800
820
840
860
880
900
920
RFFrequency(MHz)
-40°C
+25°C
+85°C
LO Return Loss vs LO Frequency
LO = +17 dBm, 25°C
-20
-15
-10
-5
0
700
725
750
775
800
825
850
LOFrequency(MHz)
RF Return Loss vs RF Frequency
LO = +17 dBm, 25°C
-25
-20
-15
-10
-5
0
800
820
840
860
880
900
920
RF Frequency (MHz)
IF = 70 MHz
IF = 120 MHz
IF = 140 MHz
IF Return Loss vs RF Frequency
LO = +17 dBm, 25°C
-25
-20
-15
-10
-5
0
70
80
90
100
110
120
IFFrequency(MHz)
RF=800MHz
RF=900MHz
L-R Isolation
LO = +17 dBm, 25°C
10
20
30
40
50
700
725
750
775
800
825
850
LO Frequency (MHz)
L-I Isolation
LO = +17 dBm, 25°C
10
20
30
40
50
60
700
725
750
775
800
825
850
LO Frequency (MHz)
R-I Isolation
Upconverting Application, LO = +17 dBm, 25°C
10
20
30
40
50
70
80
90
100
110
120
IF Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com