Electronic Components Datasheet Search
  English  ▼

X  

BLW29 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW29
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW29 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW29 Datasheet HTML 1Page - NXP Semiconductors BLW29 Datasheet HTML 2Page - NXP Semiconductors BLW29 Datasheet HTML 3Page - NXP Semiconductors BLW29 Datasheet HTML 4Page - NXP Semiconductors BLW29 Datasheet HTML 5Page - NXP Semiconductors BLW29 Datasheet HTML 6Page - NXP Semiconductors BLW29 Datasheet HTML 7Page - NXP Semiconductors BLW29 Datasheet HTML 8Page - NXP Semiconductors BLW29 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
August 1986
2
Philips Semiconductors
Product specification
VHF power transistor
BLW29
DESCRIPTION
N-P-N silicon planar epitaxial
transistor intended for use in class-A,
B or C operated mobile transmitters
with a nominal supply voltage of
13,5 V. Because of the high gain and
excellent power handling capability,
the transistor is especially suited for
design of wide-band and
semi-wide-band v.h.f. amplifiers.
Together with a BFQ42 driver stage,
the chain can deliver 15 W with a
maximum drive power of 120 mW at
175 MHz. The transistor is resistance
stabilized and is guaranteed to
withstand severe load mismatch
conditions with a supply over-voltage
to 16,5 V.
It has a 3/8" capstan envelope with a
ceramic cap. All leads are isolated
from the stud.
QUICK REFERENCE DATA
R.F. performance up to Th = 25 °C
MODE OF OPERATION
VCE
V
f
MHz
PL
W
Gp
dB
η
%
zi
Ω
YL
mS
c.w. class-B
13,5
175
15
> 10
> 60
1,3
+ j0,68
180
− j54
c.w. class-B
12,5
175
15
typ. 10, 5
typ. 67
−−
PIN CONFIGURATION
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
halfpage
MSB056
2
3
1
4
PINNING - SOT120
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com