| Electronic Components Datasheet Search |
|
IRF730AS Datasheet(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF730AS Datasheet(HTML) 8 Page - International Rectifier |
|
8 / 10 page ![]() IRF730AS/L 8 www.irf.com D2Pak Package Outline D2Pak Part Marking Information 10 .16 (.400) R E F . 6.47 (.2 55 ) 6.18 (.2 43 ) 2.61 (.1 03 ) 2.32 (.0 91 ) 8.89 (.350) R E F . - B - 1.3 2 (.05 2) 1.2 2 (.04 8) 2.7 9 (.110 ) 2.2 9 (.090 ) 1.39 (.055) 1.14 (.045) 5.28 (.2 08 ) 4.78 (.1 88 ) 4.69 (.18 5) 4.20 (.16 5) 10.54 (.415 ) 10.29 (.405 ) - A - 2 1 3 15.49 (.610) 14.73 (.580) 3X 0.93 (.037) 0.69 (.027) 5 .08 (.20 0) 3X 1.40 (.0 55) 1.14 (.0 45) 1.7 8 (.07 0) 1.2 7 (.05 0) 1.4 0 (.055 ) M AX. NO TE S: 1 DIM ENS IO NS A F T ER SO LD E R DIP . 2 DIM ENS IO NING & T O LE RANCING P ER AN S I Y1 4.5M , 19 82 . 3 CO NT RO L LIN G DIM ENS IO N : INCH. 4 HE AT SINK & L EA D DIM E NSIO NS DO NO T INCLUDE B URRS . 0.55 (.0 22) 0.46 (.0 18) 0.25 (.0 10 ) M B A M M INIM U M RECO M M E NDE D F O O TP R IN T 11.43 (.450) 8 .89 (.35 0) 17 .78 (.70 0) 3.81 (.1 5 0) 2.0 8 (.08 2) 2 X LE AD AS SIG N M E N TS 1 - G AT E 2 - D RA IN 3 - SO URCE 2.5 4 (.100 ) 2 X PAR T N U M B ER IN TE RN ATIO NA L RE CT IF IE R L O G O D A T E CO DE (Y YW W ) YY = YEAR WW = WE E K A S SEM BL Y L O T C O D E F530 S 9 B 1 M 9246 A |