Electronic Components Datasheet Search
  English  ▼

X  

AD7667 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7667
Description  18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7667 Datasheet HTML 19Page - Analog Devices AD7667 Datasheet HTML 20Page - Analog Devices AD7667 Datasheet HTML 21Page - Analog Devices AD7667 Datasheet HTML 22Page - Analog Devices AD7667 Datasheet HTML 23Page - Analog Devices AD7667 Datasheet HTML 24Page - Analog Devices AD7667 Datasheet HTML 25Page - Analog Devices AD7667 Datasheet HTML 26Page - Analog Devices AD7667 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7674
RDC/SDIN = 1
INVSCLK = INVSYNC = 0
D17
D16
D2
D1
D0
X
12
3
16
17
18
BUSY
SYNC
SCLK
SDOUT
CS, RD
CNVST
t3
t1
t17
t14
t15
t19
t20 t21
t16
t22
t23
t24
t27
t26
t25
t18
EXT/INT = 0
03083-0-046
Figure 41. Master Serial Data Timing for Reading (Read Previous Conversion during Convert)
SLAVE SERIAL INTERFACE
External Clock
The AD7674 is configured to accept an externally supplied
serial data clock on the SCLK pin when the EXT/INT pin is
held high. In this mode, several methods can be used to read the
data. The external serial clock is gated by CS. When CS and RD
are both low, the data can be read after each conversion or
during the following conversion. The external clock can be
either a continuous or a discontinuous clock. A discontinuous
clock can be either normally high or normally low when
inactive. Figure 42 and Figure 43 show the detailed timing
diagrams of these methods.
While the AD7674 is performing a bit decision, it is important
that voltage transients not occur on digital input/output pins or
degradation of the conversion result could occur. This is
particularly important during the second half of the conversion
phase because the AD7674 provides error correction circuitry
that can correct for an improper bit decision made during the
first half of the conversion phase. For this reason, it is
recommended that when an external clock is being provided, it
is a discontinuous clock that only toggles when BUSY is low or,
more importantly, that it does not transition during the latter
half of BUSY high.
External Discontinuous Clock Data Read after
Conversion
Though maximum throughput cannot be achieved using this
mode, it is the most recommended of the serial slave modes.
Figure 42 shows the detailed timing diagrams of this method.
After a conversion is complete, indicated by BUSY returning
low, the result of this conversion can be read while both CS and
RD are low. Data is shifted out MSB first with 18 clock pulses,
and is valid on the rising and falling edge of the clock.
Among the advantages of this method, the conversion
performance is not degraded because there are no voltage
transients on the digital interface during the conversion process.
Also, data can be read at speeds up to 40 MHz, accommodating
both slow digital host interface and the fastest serial reading.
Finally, in this mode only, the AD7674 provides a daisy-chain
feature using the RDC/SDIN input pin to cascade multiple
converters together. This feature is useful for reducing
component count and wiring connections when desired (for
instance, in isolated multiconverter applications).
An example of the concatenation of two devices is shown in
Figure 44. Simultaneous sampling is possible by using a
common CNVST signal. It should be noted that the RDC/SDIN
input is latched on the edge of SCLK opposite the one used to
shift out data on SDOUT. Thus, the MSB of the upstream
converter follows the LSB of the downstream converter on the
next SCLK cycle.
Rev. 0 | Page 23 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com