Electronic Components Datasheet Search
  English  ▼

X  

AD7671 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7671
Description  18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7671 Datasheet HTML 16Page - Analog Devices AD7671 Datasheet HTML 17Page - Analog Devices AD7671 Datasheet HTML 18Page - Analog Devices AD7671 Datasheet HTML 19Page - Analog Devices AD7671 Datasheet HTML 20Page - Analog Devices AD7671 Datasheet HTML 21Page - Analog Devices AD7671 Datasheet HTML 22Page - Analog Devices AD7671 Datasheet HTML 23Page - Analog Devices AD7671 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7674
Rev. 0 | Page 20 of 28
SAMPLING RATE (SPS)
1000000
1M
100000
10000
1000
100
10
1
0.1
100k
10k
1k
100
1
WARP/NORMAL
10
PDBUF HIGH
03083-0-033
IMPULSE
Power Supply
The AD7674 uses three sets of power supply pins: an analog 5 V
supply (AVDD), a digital 5 V core supply (DVDD), and a digital
output interface supply (OVDD). The OVDD supply defines the
output logic level and allows direct interface with any logic
working between 2.7 V and DVDD + 0.3 V. To reduce the
number of supplies needed, the digital core (DVDD) can be
supplied through a simple RC filter from the analog supply, as
shown in Figure 27. The AD7674 is independent of power
supply sequencing once OVDD does not exceed DVDD by
more than 0.3 V, and is therefore free from supply voltage
induced latch-up. Additionally, it is very insensitive to power
supply variations over a wide frequency range, as shown in
Figure 32.
Figure 33. Power Dissipation vs. Sample Rate
FREQUECY (kHz)
70
65
40
100
1000
10000
110
60
55
50
45
03083-0-032
CONVERSION CONTROL
Figure 34 shows the detailed timing diagrams of the conversion
process. The AD7674 is controlled by the CNVST signal, which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by PD, until the conversion is complete. The
CNVST signal operates independently of CS and RD signals.
CNVST
t1
t2
MODE ACQUIRE
CONVERT
ACQUIRE
CONVERT
t7
t8
BUSY
t4
t3
t5
t6
03083-0-034
Figure 32. PSRR vs. Frequency
POWER DISSIPATION VERSUS THROUGHPUT
Figure 34. Basic Conversion Timing
In Impulse mode, the AD7674 automatically reduces its power
consumption at the end of each conversion phase. During the
acquisition phase, the operating currents are very low, which
allows for a significant power savings when the conversion rate
is reduced, as shown in Figure 33. This feature makes the
AD7674 ideal for very low power battery applications. It should
be noted that the digital interface remains active even during
the acquisition phase. To reduce the operating digital supply
currents even further, the digital inputs need to be driven close
to the power rails (DVDD and DGND), and OVDD should not
exceed DVDD by more than 0.3 V.
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges and levels with minimum
overshoot and undershoot or ringing.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This may be achieved by using a dedicated
oscillator for CNVST generation, or to clock it with a high
frequency low jitter clock, as shown in Figure 27.
In Impulse mode, conversions can be initiated automatically. If
CNVST is held low when BUSY goes low, the AD7674 controls
the acquisition phase and automatically initiates a new
conversion. By keeping CNVST low, the AD7674 keeps the
conversion process running by itself. Note that the analog input
has to be settled when BUSY goes low. Also, at power-up,
CNVST should be brought low once to initiate the conversion
process. In this mode, the AD7674 could sometimes run slightly
faster than the guaranteed limits of 570 kSPS in Impulse mode.
This feature does not exist in Warp or Normal modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com