Electronic Components Datasheet Search
  English  ▼

X  

BLW77 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors BLW77 Datasheet HTML 11Page - NXP Semiconductors BLW77 Datasheet HTML 12Page - NXP Semiconductors BLW77 Datasheet HTML 13Page - NXP Semiconductors BLW77 Datasheet HTML 14Page - NXP Semiconductors BLW77 Datasheet HTML 15Page - NXP Semiconductors BLW77 Datasheet HTML 16Page - NXP Semiconductors BLW77 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
August 1986
15
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
Fig.21 VCE = 28 V; PL =130 W; Th =25 °C; typical
values.
handbook, halfpage
0
100
200
2
0
−2
ri, xi
(
Ω)
MGP540
f (MHz)
xi
ri
Fig.22 VCE = 28 V; PL =130 W; Th =25 °C; typical
values.
handbook, halfpage
0
100
200
5
−5
−10
0
0.5
−0.5
−1
0
MGP541
f (MHz)
RL
(
Ω)
CL
(nF)
RL
CL
Fig.23 VCE = 28 V; PL =130 W; Th =25 °C.
handbook, halfpage
0
50
100
150
20
Gp
(dB)
f (MHz)
0
10
MGP542
typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com