Electronic Components Datasheet Search
  English  ▼

X  

3510 Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # 3510
Description  200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

3510 Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  3510 Datasheet HTML 1Page - Voltage Multipliers Inc. 3510 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
262
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
0
5
10
15
20
25
30
35
40
45
25
50
75
100
125
150
Ambient Temperature (C)
0
10
20
30
40
50
60
70
25
50
75
100
125
150
Ambient Temperature (C)
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
0
5
10
15
20
25
30
35
40
45
Forward Current (A)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0
5
10
15
20
25
30
Forward Current (A)
3502 - 3510 • 3502F - 3510F • 3502UF - 3510UF
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
3500
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
3500F-UF
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
3500
3500F
3500UF
Ambient Temperature (°C)
Temperature (°C)
Ambient Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com