Electronic Components Datasheet Search
  English  ▼

X  

RLD30 Datasheet(PDF) 2 Page - Littelfuse

Part # RLD30
Description  POLYFUSE 짰 RESETTABLE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RLD30 Datasheet(HTML) 2 Page - Littelfuse

  RLD30 Datasheet HTML 1Page - Littelfuse RLD30 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
POLYFUSE® RESETTABLE FUSES
RLD30
A: RLD30P090U
B: RLD30P110U
C: RLD30P135U
D: RLD30P160U
E: RLD30P185U
F: RLD30P250U
G: RLD30P300U
H: RLD30P400U
I: RLD30P500U
J: RLD30P600U
K: RLD30P700U
L: RLD30P800U
M: RLD30P900U
A B C D E F G H I J K L M
Fault Current (Amp.)
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
RLD30P090U
1.31
1.17
1.04
0.90
0.75
0.69
0.61
0.55
0.47
RLD30P110U
1.60
1.43
1.27
1.10
0.91
0.85
0.75
0.67
0.57
RLD30P135U
1.96
1.76
1.55
1.35
1.12
1.04
0.92
0.82
0.70
RLD30P160U
2.32
2.08
1.84
1.60
1.33
1.23
1.09
0.98
0.83
RLD30P185U
2.68
2.41
2.13
1.85
1.54
1.42
1.26
1.13
0.96
RLD30P250U
3.63
3.25
2.88
2.50
2.08
1.93
1.70
1.53
1.30
RLD30P300U
4.35
3.90
3.45
3.00
2.49
2.31
2.04
1.83
1.56
RLD30P400U
5.80
5.20
4.60
4.00
3.32
3.08
2.72
2.44
2.08
RLD30P500U
7.25
6.50
5.75
5.00
4.15
3.85
3.40
3.05
2.60
RLD30P600U
8.70
7.80
6.90
6.00
4.98
4.62
4.08
3.66
3.12
RLD30P700U
10.15
9.10
8.05
7.00
5.81
5.39
4.76
4.27
3.64
RLD30P800U
11.60
10.40
9.20
8.00
6.64
6.16
5.44
4.88
4.16
RLD30P900U
13.05
11.70
10.35
9.00
7.47
6.93
6.12
5.49
4.68



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com