Electronic Components Datasheet Search
  English  ▼

X  

DG407CWI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG407CWI
Description  Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG407CWI Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG407CWI Datasheet HTML 1Page - Maxim Integrated Products DG407CWI Datasheet HTML 2Page - Maxim Integrated Products DG407CWI Datasheet HTML 3Page - Maxim Integrated Products DG407CWI Datasheet HTML 4Page - Maxim Integrated Products DG407CWI Datasheet HTML 5Page - Maxim Integrated Products DG407CWI Datasheet HTML 6Page - Maxim Integrated Products DG407CWI Datasheet HTML 7Page - Maxim Integrated Products DG407CWI Datasheet HTML 8Page - Maxim Integrated Products DG407CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
Maxim’s redesigned DG406 and DG407 CMOS analog
multiplexers now feature guaranteed matching between
channels (8
Ω max) and flatness over the specified sig-
nal range (9
Ω max). These low on-resistance muxes
(100
Ω max) conduct equally well in either direction and
feature guaranteed low charge injection (15pC max). In
addition, these new muxes offer low input off-leakage
current over temperature—less than 5nA at +85°C.
The DG406 is a 1 of 16 multiplexer/demultiplexer and
the DG407 is a dual 8-channel multiplexer/demultiplex-
er. Both muxes operate with a +4.5V to +30V single
supply and with ±4.5V to ±20V dual supplies. ESD pro-
tection is guaranteed to be greater than 2000V per
Method 3015.7 of MIL-STD 883. These improved muxes
are pin-compatible plug-in upgrades for the industry
standard DG406 and DG407.
________________________Applications
Sample-and-Hold Circuits
Test Equipment
Guidance and Control Systems
Communications Systems
Data-Acquisition Systems
Audio Signal Routing
____________________________Features
o Pin-Compatible Plug-In Upgrade for Industry
Standard DG406/DG407
o Guaranteed Matching Between Channels, 8
Ω Max
o Guaranteed On-Resistance Flatness, 9
Ω Max
o Guaranteed Low Charge Injection, 15pC Max
o Low On-Resistance 100
Ω Max
o Input Leakage, 5nA Max at +85°C
o Low Power Consumption, 1.25mW Max
o Rail-to-Rail Signal Handling
o Digital Input Controls TTL/CMOS Compatible
o ESD Protection >2000V per Method 3015.7
Improved, 16-Channel/Dual 8-Channel,
CMOS Analog Multiplexers
________________________________________________________________ Maxim Integrated Products
1
CMOS DECODERS/DRIVERS
A0
A1
A2
A3
EN
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
D
V+
V-
GND
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
D
V-
S8
S7
S6
S5
S4
S3
S2
S1
EN
A0
A1
A2
V+
N.C.
N.C.
S16
S15
S14
S13
S12
S11
S10
S9
GND
N.C.
A3
TOP VIEW
20
19
18
17
9
10
11
12
DIP/SO
DG406
16
15
13
14
_________________Pin Configurations
19-4729; Rev 3; 6/99
PART
DG406CJ
DG406CWI
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Plastic DIP
28 Wide SO
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
DG406C/D
0°C to +70°C
Dice*
DG406DJ
-40°C to +85°C
28 Plastic DIP
DG406DWI
-40°C to +85°C
28 Wide SO
DG406DN
-40°C to +85°C
28 PLCC
DG406AK
-55°C to +125°C
28 CERDIP
______________Ordering Information
_______________Functional Diagrams
DG406 16-CHANNEL SINGLE-ENDED MULTIPLEXER
DG407 at end of data sheet.
DG407 at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - DG407CWI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407 INTERSIL-DG407 Datasheet
275Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG407 INTERSIL-DG407 Datasheet
552Kb / 13P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
March 13, 2006
logo
Vishay Siliconix
DG407 VISHAY-DG407 Datasheet
152Kb / 12P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
14-May-07
logo
Maxim Integrated Produc...
DG407 MAXIM-DG407 Datasheet
312Kb / 13P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG407 VISHAY-DG407 Datasheet
198Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
More results

Similar Description - DG407CWI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG506A AD-ADG506A Datasheet
134Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Analog Devices
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
logo
Maxim Integrated Produc...
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com