Electronic Components Datasheet Search
  English  ▼

X  

MSP3457G Datasheet(PDF) 12 Page - Micronas

Part # MSP3457G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3457G Datasheet(HTML) 12 Page - Micronas

Back Button MSP3457G Datasheet HTML 8Page - Micronas MSP3457G Datasheet HTML 9Page - Micronas MSP3457G Datasheet HTML 10Page - Micronas MSP3457G Datasheet HTML 11Page - Micronas MSP3457G Datasheet HTML 12Page - Micronas MSP3457G Datasheet HTML 13Page - Micronas MSP3457G Datasheet HTML 14Page - Micronas MSP3457G Datasheet HTML 15Page - Micronas MSP3457G Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
MSP 34x7G
PRELIMINARY DATA SHEET
12
Micronas
2.3. Preprocessing for SCART
The SCART input need only be adjusted in level by
means of the SCART prescale register.
2.4. Source Selection and Output Channel Matrix
The Source Selector makes it possible to distribute all
source signals (one of the demodulator source chan-
nels or SCART) to the desired output channels (loud-
speaker, etc.). All input and output signals can be pro-
cessed
simultaneously.
Each
source
channel
is
identified by a unique source address.
For each output channel, the sound mode can be set
to sound A, sound B, stereo, or mono by means of the
output channel matrix.
If Automatic Sound Select is on, the output channel
matrix can stay fixed to stereo (transparent) for demod-
ulated signals.
2.5. Audio Baseband Processing
2.5.1. Automatic Volume Correction (AVC)
Different sound sources (e.g. terrestrial channels, SAT
channels, or SCART) fairly often do not have the same
volume level. Advertisements during movies usually
have a higher volume level than the movie itself. This
results in annoying volume changes. The AVC solves
this problem by equalizing the volume level.
To prevent clipping, the AVC’s gain decreases quickly
in dynamic boost conditions. To suppress oscillation
effects, the gain increases rather slowly for low level
inputs. The decay time is programmable by means of
the AVC register (see page 27).
For input signals ranging from
−24 dBr to 0 dBr, the
AVC maintains a fixed output level of
−18 dBr. Fig. 2–4
shows the AVC output level versus its input level. For
prescale and volume registers set to 0 dB, a level of
0 dBr corresponds to full scale input/output. This is
– SCART input/output 0 dBr = 2.0 Vrms
– Loudspeaker output 0 dBr = 1.4 Vrms
Fig. 2–4: Simplified AVC characteristics
2.5.2. Quasi-Peak Detector
The quasi-peak readout register can be used to read
out the quasi-peak level of any input source. The fea-
ture is based on following filter time constants:
attack time: 1.3 ms
decay time: 37 ms
−30
−24
−18
−12
−6
input level
−18
−24
output level
0
[dBr]
[dBr]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com